Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1731LTS Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce TEA1731LTS
Description  GreenChip SMPS control IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1731LTS Fiches technique(HTML) 1 Page - NXP Semiconductors

  TEA1731LTS Datasheet HTML 1Page - NXP Semiconductors TEA1731LTS Datasheet HTML 2Page - NXP Semiconductors TEA1731LTS Datasheet HTML 3Page - NXP Semiconductors TEA1731LTS Datasheet HTML 4Page - NXP Semiconductors TEA1731LTS Datasheet HTML 5Page - NXP Semiconductors TEA1731LTS Datasheet HTML 6Page - NXP Semiconductors TEA1731LTS Datasheet HTML 7Page - NXP Semiconductors TEA1731LTS Datasheet HTML 8Page - NXP Semiconductors TEA1731LTS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The TEA1731LTS is a low cost Switched Mode Power Supply (SMPS) controller IC
intended for flyback topologies. The TEA1731LTS operates in peak current and frequency
control mode. Frequency jitter has been implemented to reduce ElectroMagnetic
Interference (EMI). Slope compensation is integrated for Continuous Conduction Mode
(CCM) operation.
The TEA1731LTS IC features OverPower Protection (OPP). The controller accepts an
overpower situation for a limited amount of time.
One pin is reserved for protection purposes. OverTemperature Protection (OTP) can be
implemented with a minimal number of external components.
At low-power levels, the primary peak current is set to 25 % of the maximum peak current.
The switching frequency is reduced to limit the switching losses. The combination of fixed
frequency operation at high output power and frequency reduction at low output power
provides high efficiency over the total load range.
The TEA1731LTS makes the design of low cost, highly efficient and reliable supplies for
power requirements up to 75 W easier by requiring a minimum number of external
components.
2.
Features and benefits
SMPS controller IC enabling low-cost applications
Large input voltage range (12 V to 30 V)
Integrated OverVoltage Protection (OVP) on VCC
Very low supply current during start-up and restart (10
A typical)
Low supply current during normal operation (0.58 mA typical without load)
Internal overpower time-out
Overpower or high/low line compensation (NXP patent: 81421271EP01)
Fixed switching frequency with frequency jitter to reduce EMI
Frequency reduction at medium power operation to maintain high efficiency
Frequency reduction with fixed minimum peak current to maintain high efficiency at
low output power levels
Frequency increase at peak power operation
Slope compensation for CCM operation
Adjustable soft start
Low and adjustable OverCurrent Protection (OCP) trip level
TEA1731LTS
GreenChip SMPS control IC
Rev. 2 — 16 August 2012
Product data sheet


Numéro de pièce similaire - TEA1731LTS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
More results

Description similaire - TEA1731LTS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com