Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA18363T Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce TEA18363T
Description  GreenChip SMPS control IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA18363T Fiches technique(HTML) 2 Page - NXP Semiconductors

  TEA18363T Datasheet HTML 1Page - NXP Semiconductors TEA18363T Datasheet HTML 2Page - NXP Semiconductors TEA18363T Datasheet HTML 3Page - NXP Semiconductors TEA18363T Datasheet HTML 4Page - NXP Semiconductors TEA18363T Datasheet HTML 5Page - NXP Semiconductors TEA18363T Datasheet HTML 6Page - NXP Semiconductors TEA18363T Datasheet HTML 7Page - NXP Semiconductors TEA18363T Datasheet HTML 8Page - NXP Semiconductors TEA18363T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TEA18363T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 12 December 2013
2 of 27
NXP Semiconductors
TEA18363T
GreenChip SMPS control IC
2.
Features and benefits
2.1 General features
SMPS controller IC for low-cost applications
Large supply voltage range (up to 30 V)
Integrated high-voltage start-up
Continuous VCC regulation during start-up and protection via the HV pin, allowing a
minimum VCC capacitor value
Reduced opto current in burst mode enabling low no load power consumption
Operating frequencies in all operating modes are outside the audible area
Integrated X-capacitor discharge; NXP Semiconductors patented
(Patent reference: 81512184EP01 (Patent pending))
Adjustable soft start
2.2 Green features
Low supply current during normal operation (0.6 mA without load)
Low supply current during non-switching state in burst mode (0.2 mA)
Valley switching for minimum switching losses
Frequency reduction with fixed minimum peak current to maintain high efficiency at
low output power levels
2.3 Protection features
Mains voltage independent OverPower Protection (OPP)
OverTemperature Protection (OTP)
Integrated overpower time-out
Integrated restart timer for system fault conditions
Continuous mode protection using demagnetization detection
Accurate OverVoltage Protection (OVP)
Driver maximum on-time protection
3.
Applications
Applications requiring efficient and cost-effective power supply solutions up to 75 W
4.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
TEA18363T/1
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1


Numéro de pièce similaire - TEA18363T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA18363T NXP-TEA18363T Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA18363T/2 NXP-TEA18363T/2 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA18363T2 NXP-TEA18363T2 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
More results

Description similaire - TEA18363T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com