Moteur de recherche de fiches techniques de composants électroniques |
|
TC650BEVUA Fiches technique(PDF) 8 Page - Microchip Technology |
|
TC650BEVUA Fiches technique(HTML) 8 Page - Microchip Technology |
8 / 14 page TC650/TC651 DS21450B-page 8 © 2002 Microchip Technology Inc. 5.0 TYPICAL CHARACTERISTICS The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., out- side specified power supply range) and therefore outside the warranted range 90 80 70 60 50 40 30 20 10 0 -50 0 0 24 6 8 10 12 14 16 18 20 25 -25 50 75 100 125 150 TEMPERATURE (˚C) IDD vs. Temperature 3.0 2.5 2.0 1.5 1.0 0.5 0.0 TL T1 T2 T3 T4 TH TTHRESHOLD Temperature Accuracy vs. VTH ISOURCE (mA) PWM, ISOURCE vs. (VDD - VOH), TA = 25˚C VDD = 2.8V VDD = 5.5V VDD = 2.7 VDD = 2.7 VDD = 5.6 VDD = 5.6 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0 12 3 4 5 6 7 8 910 ISINK (mA) PWM, ISINK vs. VOL, TA = 25˚C VDD = 2.8V VDD = 5.5V 0.0 50 100 150 200 250 300 350 400 450 500 0 12 3 4 5 6 7 8 910 ISOURCE (mA) TOVER, ISOURCE vs. (VDD - VOH), TA = 25˚C VDD = 2.8V VDD = 5.5V |
Numéro de pièce similaire - TC650BEVUA |
|
Description similaire - TC650BEVUA |