Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM3321A Fiches technique(PDF) 4 Page - Nippon Precision Circuits Inc

No de pièce SM3321A
Description  High-sensitivity preamplifier for visible to infrared detection using a single IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NPC [Nippon Precision Circuits Inc]
Site Internet  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3321A Fiches technique(HTML) 4 Page - Nippon Precision Circuits Inc

  SM3321A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SM3321A
SEIKO NPC CORPORATION - 4
Photodiode Characteristics
Ta=25°C, Reference circuit with recommended operating conditions, unless otherwise specified
Parameter
Symbol
Conditions
Rating
MIN
TYP
MAX
Unit
Spectral range of responsivity 1
λ1
S=50% of S4
570
940
nm
Spectral range of responsivity 2
λ2
S=30% of S4
470
570
nm
Photodiode responsivity 1*1
S1
470nm
0.22
A/W
Photodiode responsivity 2*1
S2
570nm
0.37
A/W
Photodiode responsivity 3*1
S3
630nm
0.42
A/W
Photodiode responsivity 4*1
S4
865nm
0.50
A/W
Photodiode responsivity 5*1
S5
940nm
0.35
A/W
*1. Typical characteristics determined on actual device
Photodiode spectral responsivity
0.0
0.1
0.2
0.3
0.4
0.5
0.6
400
500
600
700
800
900
1000
Wavelength [nm]
Photodiode responsivity spectral response
measurements (TYP sample)
theoretical value


Numéro de pièce similaire - SM3321A

FabricantNo de pièceFiches techniqueDescription
logo
Sinopower Semiconductor...
SM3321NSQA SINOPWER-SM3321NSQA Datasheet
253Kb / 11P
   N-Channel Enhancement Mode MOSFET
SM3321NSQAC-TRG SINOPWER-SM3321NSQAC-TRG Datasheet
253Kb / 11P
   N-Channel Enhancement Mode MOSFET
More results

Description similaire - SM3321A

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM3320A NPC-SM3320A Datasheet
483Kb / 15P
   High-sensitivity preamplifier for ultraviolet to infrared detection using a single IC
logo
Micronas
TBA2800 MICRONAS-TBA2800 Datasheet
138Kb / 4P
   Infrared Preamplifier IC
logo
STMicroelectronics
STHS34PF80 STMICROELECTRONICS-STHS34PF80 Datasheet
1Mb / 13P
   Low-power, high-sensitivity infrared sensor for presence and motion detection
December 2021 Rev 1
logo
Hamamatsu Corporation
S9703 HAMAMATSU-S9703 Datasheet
102Kb / 2P
   Photo IC for laser beam synchronous detection High sensitivity, high-speed response
logo
NEC
UPC2807 NEC-UPC2807 Datasheet
46Kb / 8P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROLLER
UPC2800A NEC-UPC2800A Datasheet
84Kb / 12P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROL
logo
Samsung semiconductor
KA2225 SAMSUNG-KA2225 Datasheet
125Kb / 3P
   DUAL PREAMPLIFIER FOR 3V USING
logo
Hamamatsu Corporation
S2551 HAMAMATSU-S2551 Datasheet
84Kb / 2P
   Si photodiode For visible to infrared precision photometry
logo
STMicroelectronics
TDA2320 STMICROELECTRONICS-TDA2320 Datasheet
52Kb / 5P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROL SYSTEMS
logo
Hamamatsu Corporation
S1227 HAMAMATSU-S1227 Datasheet
147Kb / 4P
   Si photodiode For UV to visible, precision photometry; suppressed IR sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com