Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM1350AAQM Fiches technique(PDF) 8 Page - Nippon Precision Circuits Inc

No de pièce SM1350AAQM
Description  High Tone Quality Melody IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NPC [Nippon Precision Circuits Inc]
Site Internet  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1350AAQM Fiches technique(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM1350AAQM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 11Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SM1350AAQM
SEIKO NPC CORPORATION - 8
S0 to S3 chattering prevention function
In binary select mode, S0 to S3 are sampled in sync with the 15.26Hz clock during level-hold melody output. The
chatter prevention function compares the data sampled 65.5ms after a data transition on S0 to S3 with the data sampled
65.5ms before the data transition. If the 2 data samples are the same, then the data transition is considered invalid.
However, if they are not the same indicating a true transition has occurred, melody output stops and only restarts again
after 2 consecutive identical melody select data samples occur. Note that except for binary select mode with level hold
output, the S0 to S3 chattering prevention circuit is disabled.
65.5
ms
65.5
ms
65.5
ms
65.5
ms
65.5
ms
65.5
ms
15.26Hz
S0 to S3
#N
#N
#M
#M
#S
#S
#N
Melody Output
(SP pin)
Figure 3. S0~S3 chattering prevention timing
Initialization
When power on and ICN goes LOW, all pins and internal states are initialized to the states shown below. It is
recommended to initialize before melody output for steady operation.
■ Output pins
• SP, SPN
: Open
• ENDN
: VDD
• CT
: VSS
• BUSYN
: VDD
■ Serial melody counter
Reset to first melody (S0 to S3 all 0)
■ Oscillator circuit
Stopped


Numéro de pièce similaire - SM1350AAQM

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM1350ADJM NPC-SM1350ADJM Datasheet
515Kb / 16P
   High Tone Quality Melody IC
More results

Description similaire - SM1350AAQM

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM1350ADJM NPC-SM1350ADJM Datasheet
515Kb / 16P
   High Tone Quality Melody IC
SM1350 NPC-SM1350 Datasheet
214Kb / 21P
   High Tone Quality Melody LSI
SM1131 NPC-SM1131 Datasheet
460Kb / 20P
   High Sound Quality Multi Melody IC
logo
List of Unclassifed Man...
RTS903 ETC1-RTS903 Datasheet
118Kb / 6P
   DUAL-TONE MELODY GENERATOR
SD995 ETC1-SD995 Datasheet
1Mb / 5P
   DUAL TONE MELODY GENERATOR
logo
BOWIN ELECTRONIC CO.
UM88T-19L BOWIN-UM88T-19L Datasheet
26Kb / 2P
   Dual-tone Melody Generator
logo
Unisonic Technologies
15600 UTC-15600_15 Datasheet
171Kb / 6P
   MELODY IC
logo
Nippon Precision Circui...
M1105 NPC-M1105 Datasheet
92Kb / 2P
   Melody IC
logo
Unisonic Technologies
15600 UTC-15600 Datasheet
164Kb / 6P
   MELODY IC
1668 UTC-1668_18 Datasheet
151Kb / 5P
   DUAL TONE MELODY XMAS LIGHT CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com