Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM72442 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce SM72442
Description  Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SM72442 Fiches technique(HTML) 5 Page - Texas Instruments

  SM72442_15 Datasheet HTML 1Page - Texas Instruments SM72442_15 Datasheet HTML 2Page - Texas Instruments SM72442_15 Datasheet HTML 3Page - Texas Instruments SM72442_15 Datasheet HTML 4Page - Texas Instruments SM72442_15 Datasheet HTML 5Page - Texas Instruments SM72442_15 Datasheet HTML 6Page - Texas Instruments SM72442_15 Datasheet HTML 7Page - Texas Instruments SM72442_15 Datasheet HTML 8Page - Texas Instruments SM72442_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SM72442
www.ti.com
SNVS689H – OCTOBER 2010 – REVISED APRIL 2013
Electrical Characteristics
Specifications in standard typeface are for TJ = 25°C, and those in boldface type apply over the full operating junction
temperature range
(1)
Parameter
Test Conditions
Min
Typ
Max
Units
ANALOG INPUT CHARACTERISTICS
AVin, AIin
Input Range
-
0 to VA
-
V
AVout, AIout
IDCL
DC Leakage Current
-
-
±1
µA
Track Mode
-
33
-
pF
CINA
Input Capacitance(2)
Hold Mode
-
3
-
pF
DIGITAL INPUT CHARACTERISTICS
VIL
Input Low Voltage
-
-
0.8
V
VIH
Input High Voltage
2.8
-
-
V
CIND
Digital Input Capacitance(2)
-
2
4
pF
IIN
Input Current
-
±0.01
±1
µA
DIGITAL OUTPUT CHARACTERISTICS
VOH
Output High Voltage
ISOURCE = 200 µA VA = VD = 5V
VD - 0.5
-
-
V
VOL
Output Low Voltage
ISINK = 200 µA to 1.0 mA VA = VD = 5V
-
-
0.4
V
IOZH , IOZL
Hi-Impedance Output Leakage Current VA = VD = 5V
±1
µA
COUT
Hi-Impedance Output Capacitance(2)
2
4
pF
POWER SUPPLY CHARACTERISTICS (CL = 10 pF)
VA ,VD
Analog and Digital Supply Voltages
VA ≥ VD
4.75
5
5.25
V
IA + ID
Total Supply Current
VA = VD = 4.75V to 5.25V
-
11.5
15
mA
PC
Power Consumption
VA = VD = 4.75V to 5.25V
57.5
78.75
mW
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Not tested. Ensured by design.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SM72442


Numéro de pièce similaire - SM72442_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
SM72442MT NSC-SM72442MT Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
SM72442MTE NSC-SM72442MTE Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
SM72442MTX NSC-SM72442MTX Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
More results

Description similaire - SM72442_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
SM72442 NSC-SM72442 Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
Texas Instruments
SM72441 TI-SM72441_15 Datasheet
702Kb / 15P
[Old version datasheet]   SM72441 Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
BQ24650 TI-BQ24650 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
BQ24650EVM-639 TI1-BQ24650EVM-639 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
SM72445 TI1-SM72445 Datasheet
350Kb / 19P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
SM72445 TI-SM72445_15 Datasheet
780Kb / 20P
[Old version datasheet]   SM72445 Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
logo
NXP Semiconductors
MPT612 NXP-MPT612 Datasheet
617Kb / 37P
   Maximum power point tracking IC
Rev.2-14 September 2010
logo
Shenzhen Huazhimei Semi...
HM4072B HMSEMI-HM4072B Datasheet
1Mb / 11P
   4A multi-cell battery charge management IC with solar cell maximum power point tracking
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
logo
Shenzhen Huazhimei Semi...
HM4077 HMSEMI-HM4077 Datasheet
613Kb / 10P
   4A, 12V lead-acid battery charge management IC with solar cell maximum power point tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com