Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM25085-Q1 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM25085-Q1
Description  LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM25085-Q1 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LM25085-Q1 Datasheet HTML 2Page - Texas Instruments LM25085-Q1 Datasheet HTML 3Page - Texas Instruments LM25085-Q1 Datasheet HTML 4Page - Texas Instruments LM25085-Q1 Datasheet HTML 5Page - Texas Instruments LM25085-Q1 Datasheet HTML 6Page - Texas Instruments LM25085-Q1 Datasheet HTML 7Page - Texas Instruments LM25085-Q1 Datasheet HTML 8Page - Texas Instruments LM25085-Q1 Datasheet HTML 9Page - Texas Instruments LM25085-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LM25085, LM25085-Q1
SNVS593J – OCTOBER 2008 – REVISED NOVEMBER 2014
www.ti.com
Electrical Characteristics (continued)
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over –40°C to 125°C junction temperature
range, unless otherwise stated. VIN = 24V, RT = 100kΩ unless otherwise stated. (See
(1)).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SOFT-START FUNCTION
tSS
Soft-Start Time
1.4
2.5
4.3
ms
THERMAL SHUTDOWN
TSD
Junction Shutdown Temperature
Junction Temperature Rising
170
°C
THYS
Junction Shutdown Hysteresis
20
°C
6
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM25085 LM25085-Q1


Numéro de pièce similaire - LM25085-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM25085-Q1 TI1-LM25085-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   LM25085, LM25085-Q1 42V Constant On-Time PFET Buck Switching Controller
More results

Description similaire - LM25085-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM25085MME TI1-LM25085MME Datasheet
1Mb / 30P
[Old version datasheet]   LM25085, LM25085-Q1 42V Constant On-Time PFET Buck Switching Controller
logo
National Semiconductor ...
LM25085 NSC-LM25085 Datasheet
500Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM25085A TI1-LM25085A_15 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller
LM25085A TI1-LM25085A_14 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
logo
National Semiconductor ...
LM25085A NSC-LM25085A Datasheet
517Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
LM5085 NSC-LM5085 Datasheet
463Kb / 22P
   75V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM5085 TI1-LM5085 Datasheet
441Kb / 23P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM5085 TI-LM5085_15 Datasheet
1Mb / 33P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com