Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3754 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM3754
Description  Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM3754 Fiches technique(HTML) 1 Page - Texas Instruments

  LM3754 Datasheet HTML 1Page - Texas Instruments LM3754 Datasheet HTML 2Page - Texas Instruments LM3754 Datasheet HTML 3Page - Texas Instruments LM3754 Datasheet HTML 4Page - Texas Instruments LM3754 Datasheet HTML 5Page - Texas Instruments LM3754 Datasheet HTML 6Page - Texas Instruments LM3754 Datasheet HTML 7Page - Texas Instruments LM3754 Datasheet HTML 8Page - Texas Instruments LM3754 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
BOOT1
BOOT2
CS1
CSM
ILIM
CS2
HG1
SW1
LG1
LG2
SW2
HG2
LM3754
COUT
RILIM1
L1
RDCR1 CDCR1
CBOOT1
DBOOT1
VIN
QT1
VDD
DBOOT2
QB1
VIN
QT2
L2
RDCR2 CDCR2
QB2
CBOOT2
BOOT1
BOOT2
CS1
CSM
ILIM
CS2
HG1
SW1
LG1
LG2
SW2
HG2
LM3754
RILIM2
L3
RDCR3
CDCR3
CBOOT3
DBOOT3
VIN
QT3
VOUT
VDD
DBOOT4
QB3
VIN
QT4
L4
RDCR4
CDCR4
QB4
CBOOT4
CIN
6V TO 18V DC
1.2V 100A
LM3754
www.ti.com
SNVS789B – JANUARY 2012 – REVISED APRIL 2013
LM3754 Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and
Linear Regulator Controller
Check for Samples: LM3754
1
FEATURES
APPLICATIONS
2
Wide Input Voltage Range of 4.5V to 18V
CPUs, GPUs (Graphic Cards), ASICs, FPGAs,
Large Memory Arrays, DDR
Up to 12 Channels for 300A Load
High Current POL Converters
System Accuracy Better Than 1%
Networking Systems
0.6V to 3.6V Output Voltage Range
Power Distribution Systems
Switching Frequency From 200 kHz to 1 MHz
Telecom/Datacom DC/DC Converters
Phase Current Sharing ±12% Max Over
Temperature
Desktops, Servers and Workstations
Integrated 4.35V ±2.3% LDO
DESCRIPTION
Inductor DCR or Sense Resistor Current
The LM3754 is a full featured single-output dual-
Sensing
phase
voltage-mode
synchronous
PWM
buck
Interleaved Switching for Low I/O Ripple
controller. It can be configured to control from 2 to 12
Current
interleaved power stages creating a single high power
output. This controller utilizes voltage-mode control
Integrated Synchronous NFET Drivers
with
input
voltage
feed-forward
for
high
noise
Programmable Soft-Start
immunity. An internal average current loop forces real
Pre-Biased Startup
time current sharing between phases during load
Output Voltage Differential Remote Sensing
transients.
Minimum Controllable On-Time of Only 50 ns
The LM3754 supports adjustable Soft-Start. The Soft-
Start function can only drive the output upwards – it
Programmable Enable and Input UVLO
will not pull it down, therefore, pre-biased loads will
Power Good flag
not be discharged. Available in the 5 mm x 5 mm
OVP, UVP and Hiccup Over-Current Protection
thermally enhanced 32-lead WQFN package with a
thermal pad.
Simplified Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - LM3754

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3754 NSC-LM3754 Datasheet
1Mb / 20P
   Evaluation Board evaluation board is designed to provide
LM3754SQ NSC-LM3754SQ Datasheet
1Mb / 38P
   Scalable 2-Phase Synchronous Buck Controllers with Integrated FET Drivers and Linear Regulator Controller
logo
Texas Instruments
LM3754SQ/NOPB TI1-LM3754SQ/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   LM3753 Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
logo
National Semiconductor ...
LM3754SQX NSC-LM3754SQX Datasheet
1Mb / 38P
   Scalable 2-Phase Synchronous Buck Controllers with Integrated FET Drivers and Linear Regulator Controller
logo
Texas Instruments
LM3754SQX/NOPB TI1-LM3754SQX/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   LM3753 Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
More results

Description similaire - LM3754

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3753 TI1-LM3753 Datasheet
1Mb / 49P
[Old version datasheet]   LM3753 Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
logo
National Semiconductor ...
LM3753 NSC-LM3753 Datasheet
1Mb / 38P
   Scalable 2-Phase Synchronous Buck Controllers with Integrated FET Drivers and Linear Regulator Controller
logo
Texas Instruments
TPS40131 TI-TPS40131 Datasheet
1Mb / 46P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40132 TI-TPS40132_15 Datasheet
1Mb / 42P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40132 TI-TPS40132 Datasheet
1Mb / 40P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40131 TI-TPS40131_15 Datasheet
1Mb / 41P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40130DBTR TI1-TPS40130DBTR Datasheet
1Mb / 39P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40130 TI-TPS40130 Datasheet
748Kb / 10P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
logo
ON Semiconductor
NCP5383 ONSEMI-NCP5383_1 Datasheet
399Kb / 15P
   2 Phase Buck Controller with Integrated Gate Drivers and AVP
December, 2007 - Rev. 3
NCP81278 ONSEMI-NCP81278 Datasheet
199Kb / 13P
   Compact 2-Phase Synchronous Buck Controller with Integrated Gate Drivers and PWM VID Interface
May, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com