Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2657 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce LM2657
Description  LM2657 Dual Synchronous Buck Regulator Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM2657 Fiches technique(HTML) 4 Page - Texas Instruments

  LM2657_15 Datasheet HTML 1Page - Texas Instruments LM2657_15 Datasheet HTML 2Page - Texas Instruments LM2657_15 Datasheet HTML 3Page - Texas Instruments LM2657_15 Datasheet HTML 4Page - Texas Instruments LM2657_15 Datasheet HTML 5Page - Texas Instruments LM2657_15 Datasheet HTML 6Page - Texas Instruments LM2657_15 Datasheet HTML 7Page - Texas Instruments LM2657_15 Datasheet HTML 8Page - Texas Instruments LM2657_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LM2657
SNVS342B – JANUARY 2005 – REVISED MARCH 2013
www.ti.com
PIN DESCRIPTION (continued)
Pin 14,
Output voltage sense pin for Channel 2. See Pin 1.
SENSE2:
Pin 15, ILIM2:
Channel 2 Current Limit pin. When the bottom FET is ON, a 62µA (typical) current flows out of this pin into an external
current limit setting resistor connected to the drain of the lower FET. This is a current source so the drop across this
resistor tries to push the voltage on this pin to a more positive value. However, the drain of the lower FET, which is
connected to the other side of the same resistor, is trying to go more negative as the load current increases. Therefore at
some value of current, the voltage on this pin will cross zero and start to go negative. This is the current limiting condition
and it is detected by the ‘Current Limit Comparator’ seen in the BLOCK DIAGRAM. When a current limit condition has
been detected, the next ON-pulse of the upper FET will be omitted. The lower FET will again be monitored to determine if
the current has fallen below the threshold. If it has, the next ON-pulse will be permitted. If not, the upper FET will stay
OFF, and remain so for several cycles if necessary, until the current returns to normal. Eventually, if the overcurrent
condition persists and the upper FET has not been turned ON, the output will start to fall eventually triggering “Power not
Good”.
Pin 16, SW2:
The Switching node of the buck regulator of Channel 2. Also serves as the lower rail of the floating driver of the upper
FET.
Pin 17, HDRV2: Gate drive pin for the upper FET of Channel 2 (High-side drive). The top gate driver is interlocked with the bottom gate
driver to prevent shoot-through/cross-conduction.
Pin 18, BOOT2: Bootstrap pin for Channel 2. This is the upper supply rail for the floating driver of the upper FET. It is bootstrapped by
means of a ceramic capacitor connected to the channel Switching node. This capacitor is charged up by the IC to a value
of about 5V as derived from the V5 pin (Pin 21).
Pin 19, PGND2: Power Ground pin of Channel 2. This is the return path for the bottom FET gate drive. Both the PGND's are to be
connected on the PCB to the system ground and also to the Signal ground (Pin 7) in accordance with the recommended
Layout Guidelines .
Pin 20, LDRV2:
Gate drive pin for the Channel 2 bottom FET (Low-side drive). The bottom gate driver is interlocked with the top gate
driver to prevent shoot-through/cross-conduction.
Pin 21, V5:
Upper rail of the lower FET drivers of both channels. Also used to charge up the bootstrap capacitors of the upper FET
drivers. This is connected to an external 5V supply. The 5V rail may be the same as the rail used to provide power to the
VDD pin (Pin 5). If these rails are connected, the VDD pin must be well-decoupled so that it does not interact with the V5
pin. A minimum 0.1µF (ceramic) capacitor should be placed on the component side very close to the IC with no
intervening vias between this capacitor and the V5/PGND pins.
Pin 22, VIN:
The input that powers both the buck regulator channels. It also is used by the internal ramp generator to implement the
line ‘feedforward’ feature. The VIN pin is also used with the SENSE pin voltage to predict the CCM (continuous
conduction mode) duty cycle and to thereby set the minimum allowed DCM duty cycle to 85% of the CCM value (in SKIP
mode, see Pin 10). This is a high input impedance pin, drawing only about 115µA from the input rail. A fault condition will
occur if this voltage drops below its UVLO threshold.
Pin 23, LDRV1:
LDRV pin of Channel 1. See Pin 20.
Pin 24, PGND1: PGND pin for Channel 1.See Pin 19.
Pin 25, BOOT1: Boot pin of Channel 1. See Pin 18.
Pin 26, HDRV1: HDRV pin of Channel 1. See Pin 17.
Pin 27, SW1:
SW pin of Channel 1. See Pin 16.
Pin 28, ILIM1:
Channel 1 Current Limit pin. See Pin 15.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM2657


Numéro de pièce similaire - LM2657_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2657MTC NSC-LM2657MTC Datasheet
959Kb / 26P
   Dual Synchronous Buck Regulator Controller
LM2657MTCX NSC-LM2657MTCX Datasheet
959Kb / 26P
   Dual Synchronous Buck Regulator Controller
More results

Description similaire - LM2657_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2657 NSC-LM2657 Datasheet
959Kb / 26P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2647 TI-LM2647_15 Datasheet
3Mb / 42P
[Old version datasheet]   LM2647 Dual Synchronous Buck Regulator Controller
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
   Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
logo
Texas Instruments
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
Analog Devices
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
   Synchronous Buck Controller with Dual Linear Regulator Controllers
REV. 0
logo
Semtech Corporation
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
   Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com