Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FW-8759A Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce FW-8759A
Description  Rackmount x86 Network Security Platform Based on 4th Generation Intel짰 Xeon E3-1200 v3 or Core짰 i7/i5/i3 Series processor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8759A Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  FW-8759A Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8759A Datasheet HTML 2Page - List of Unclassifed Manufacturers FW-8759A Datasheet HTML 3Page - List of Unclassifed Manufacturers FW-8759A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary Specifications
Form Factor
Rackmount 1U
Platform
Processor Options
4th Generation Intel® Xeon E3-1200 v3 or CoreTM i7/i5/i3
series processor with C226 (Codenamed “Denlow”)
Chipset
C226
OS Support
Windows 7,8,2000, XP, Vista, Server 2008, 2012, Linux
Kernel 2.6 or above
BIOS
AMI BIOS 64 MB
System Memory
Technology
Dual-channel DDR3/DDR3L 1066/1333/1600 MHz,
un-buffered, ECC or non-ECC, 1.5V/1.35V
Max. Capacity
16 GB
Socket
2 x 240-pin DIMM
Storage
HDD Bays
2 x 2.5” HDD/SSD kit (reserved 1 x 3.5”)
CF/SD
1 x CF card Type II
Networking
Ethernet Ports
8 x GbE RJ-45 onboard, Maximum up to 16 ports
Bypass
3 pairs Gen.3 (Optional)
Controllers
1 x Intel i217, 7 x Intel i210AT
Ethernet Modules
1
Management Port
1 x GbE RJ-45
I/O Interface
Reset Button
1 x reset button
Console
1 x RJ-45
USB
2 x USB 2.0
IPMI via OPMA slot
By Project
Display
N/A
Expansion
PCIe
1 x PCIE x8 expansion for NIC Module, 1 x Low-profile PCI-E
*8 (Optional)
PCI
N/A
Cooling
Processor
CPU heatsink with fan duct
System
3 x cooling Fan with smart fan control
Environmental
Parameters
Temperature, ambient operating
/ storage
0 ~ 40º C / -20~70º C
Humidity (RH), ambient operating
/ ambient non-operating
5~90%, non-condensing / 5~95%, non-condensing
Miscellaneous
LCD Module
2 x 20 LCM with keypad
Watchdog
Yes
Internal RTC with Li Battery
Yes
Physical
Dimensions
Dimensions (WxHxD)
438 x 44 x 415 mm
Weight
10 kg
Power
Type / Watts
300 W ATX Power Supply Units, FW-8759C with Redundant
PSUs
Input
AC 90~264 V @47~63 Hz
Approvals and Compliance
CE Class A, FCC Class A, RoHS


Numéro de pièce similaire - FW-8759A

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FW-8750 ETC2-FW-8750 Datasheet
293Kb / 2P
   A hybrid networking solution built for performance and security
FW-8756A ETC2-FW-8756A Datasheet
172Kb / 2P
   1U Rackmount Network Appliance With Support For Multiple Processors
FW-8756B ETC2-FW-8756B Datasheet
172Kb / 2P
   1U Rackmount Network Appliance With Support For Multiple Processors
FW-8758 ETC2-FW-8758 Datasheet
157Kb / 2P
   1U Intel Cost-Effective Network Platform with Intel H61 Chipset and Support for Intel Celeron Low Power Processor
FW-8758A ETC2-FW-8758A Datasheet
157Kb / 2P
   1U Intel Cost-Effective Network Platform with Intel H61 Chipset and Support for Intel Celeron Low Power Processor
More results

Description similaire - FW-8759A

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FW-7585 ETC2-FW-7585 Datasheet
289Kb / 4P
   Rackmount x86 Network Security Platform Based on 4th Generation Intel짰 Core짰 i7/i5/i3 Series processor
FW-7584A ETC2-FW-7584A Datasheet
166Kb / 2P
   Rackmount x86 Network Security Platform with 4th Generation Intel짰 Core짰 i7/i5/i3 Series processor
FW-8771 ETC2-FW-8771 Datasheet
431Kb / 4P
   Rackmount x86 Network Security Platform Based on Intel짰 Xeon짰 E3-1200 v3 processor
logo
Advantech Co., Ltd.
FWA-3230A_B ADVANTECH-FWA-3230A_B_15 Datasheet
732Kb / 2P
   1U Rackmount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
logo
List of Unclassifed Man...
FW-7571 ETC2-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor
FW-7573 ETC2-FW-7573 Datasheet
363Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2000 Series processor
logo
Advantech Co., Ltd.
FWA-3231 ADVANTECH-FWA-3231_15 Datasheet
635Kb / 2P
   1U Rack mount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
logo
Axiomtek Co., Ltd.
CAPA881 AXIOMTEK-CAPA881 Datasheet
192Kb / 1P
   4th Generation Intel Core i7/i5/i3 processor
logo
Advantech Co., Ltd.
FWA-4130 ADVANTECH-FWA-4130 Datasheet
879Kb / 2P
   2U Rackmount Network Appliance Platform based on Intel® Xeon® E3 series and 6th/7th generation Intel® Core™i7/i5/i3 Processors
2-Jun-2020
logo
Lanner All Rights Reser...
FW-7571 LANNER-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor (Codenamed ?쏳angeley??
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com