Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM59R02G1 Fiches technique(PDF) 3 Page - SyncMOS Technologies,Inc

No de pièce SM59R02G1
Description  Instruction-set compatible with MCS-51
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNCMOS [SyncMOS Technologies,Inc]
Site Internet  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59R02G1 Fiches technique(HTML) 3 Page - SyncMOS Technologies,Inc

  SM59R02G1 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM59R02G1 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM59R02G1 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM59R02G1 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM59R02G1 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM59R02G1 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM59R02G1 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59R02G1 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59R02G1 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
SM59R02G1
8-Bit Micro-controller
8KB with ISP Flash
& 256B RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M061
3
Ver.G
SM59R02G1
09/2015
Product List
SM59R02G1W28KP, SM59R02G1W28SP,
SM59R02G1W40PP, SM59R02G1W44JP,
SM59R02G1W44QP, SM59R02G1W44UP,
SM59R02G1W48VP
Description
The SM59R02G1 is a 1T (one machine cycle per clock)
single-chip 8-bit microcontroller. It has 8K-byte
embedded Flash for program, and executes all ASM51
instructions fully compatible with MCS-51.
SM59R02G1 contains 256B on-chip RAM, more than 42
GPIOs (PLCC 44, QFP 44 and LQFP 48), various serial
interfaces and many peripheral functions as described
below. It can be programmed via writers. Its on-chip ICE
is convenient for users in verification during development
stage.
The high performance of SM59R02G1 can
achieve complicated manipulation within short time.
About one third of the instructions are pure 1T, and the
average speed is 8 times of traditional 8051, the fastest
one among all the 1T 51-series.Its excellent EMI and
ESD characteristics are advantageous for many different
applications.
Ordering Information
SM59R02G1ihhkL YWW
i: process identifier {W = 2.7V ~ 5.5V}
hh: Pin Count
k: package type postfix {as table below }
L:PB Free identifier
{No text is Non-PB free,”P” is PB free}
Y: Year Code
WW: Week Code (01-52)
Postfix
Package
Pin / Pad Configuration
K
28L PDIP
Page 4
S
28L SOP
Page 5
P
40L PDIP
Page 6
J
44L PLCC
Page 7
Q
44L PQFP
Page 8
V
48L LQFP
Page 9
Features
Operating Voltage: 2.7V ~ 5.5V
High speed architecture of 1 clock/machine cycle
(1T), runs up to 25MHz
1T/2T can be switched on the fly
Instruction-set compatible with MCS-51
8K Bytes on-chip program memory.
External RAM addresses up to 64K bytes.
Standard 12T interface for external RAM access.
256 bytes RAM as standard 8052
Dual 16-bit Data Pointers (DPTR0 & DPTR1)
One serial peripheral interfaces in full duplex mode
(UART0),
Additional Baud Rate Generator for Serial 0.
Three 16-bit Timers/Counters. (Timer 0 , 1, 2)
38 GPIOs(PDIP 40), 42 GPIOs(PLCC 44/PQFP
44/LQFP 48),GPIOs can select four
Type(quasi-bidirectional, push-pull, open drain,
input-only), default is quasi-bidirectional(pull-up)
External interrupt 0,1 with four priority levels
Programmable watchdog timer (WDT)
4-channel 16-bit compare /capture /load functions
22.1184MHz Internal RC oscillator, with programmable
clock divider
Configurable Oscillator pin
ISP/IAP functions.
ISP service program space configurable in N*256 byte
(N=0 to 4) size.
EEPROM function
ALE output select.
LVR (LVR deglitch 500ns)
Enhanced user code protection
Power management unit for idle and power down
modes


Numéro de pièce similaire - SM59R02G1

FabricantNo de pièceFiches techniqueDescription
logo
SyncMOS Technologies,In...
SM59R08A2 SYNCMOS-SM59R08A2 Datasheet
651Kb / 67P
   8-Bit Micro-controller
More results

Description similaire - SM59R02G1

FabricantNo de pièceFiches techniqueDescription
logo
SyncMOS Technologies,In...
SM59A16U1 SYNCMOS-SM59A16U1 Datasheet
2Mb / 146P
   Instruction-set compatible with MCS-51
logo
Freescale Semiconductor...
MC912DG128ACPVE FREESCALE-MC912DG128ACPVE Datasheet
2Mb / 478P
   Upward compatible with M68HC11 instruction set
logo
Analog Devices
ADSP-BF700 AD-ADSP-BF700 Datasheet
2Mb / 116P
   Instruction set compatible with previous Blackfin products
logo
Intel Corporation
MCS-51 INTEL-MCS-51 Datasheet
976Kb / 16P
   MCS-51 and MCS-96 Packaging Information
logo
Freescale Semiconductor...
S9S08DZ32F1CLH FREESCALE-S9S08DZ32F1CLH Datasheet
2Mb / 416P
   HC08 instruction set with added BGND instruction
MC9S08GW64 FREESCALE-MC9S08GW64_11 Datasheet
1,011Kb / 42P
   HC08 instruction set with added BGND instruction
logo
SINOWEALTH Electronic L...
SH79F1617 SINOWEALTH-SH79F1617 Datasheet
1Mb / 99P
   8bits micro-controller with Pipe-line structured 8051 compatible instruction set
V2.0
logo
STMicroelectronics
STLUX385 STMICROELECTRONICS-STLUX385 Datasheet
171Kb / 10P
   Extended instruction set
February 2013 Rev 2
STM8S007C8 STMICROELECTRONICS-STM8S007C8 Datasheet
1Mb / 92P
   Extended instruction set
March 2015 Rev 5
STM8S005C6 STMICROELECTRONICS-STM8S005C6 Datasheet
1Mb / 97P
   Extended instruction set
March 2015 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com