Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FW-7568A Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce FW-7568A
Description  Rackmount 1U Firewall Appliance with Low Power Consumption and Dual Core Intel Atom Processor D525
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

FW-7568A Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  FW-7568A Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-7568A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
connect@lannerinc.com
www.lannerinc.com
Specifications are subject to change without notice
FW-7568
Rackmount 1U Firewall Appliance with
Low Power Consumption and Dual Core
Intel Atom Processor D525
Features
Dual Core Pineview Intel Atom
The FW-7568 utilizes the dual
core Intel Atom D525 code
named Pineview. This 1.8GHz
processor utilizes less electricity
while providing sufficient
processing power.
Up to 8 GbE Networking Ports
The FW-7568 is designed to be
deployed as a low cost barebone
firewall network solution for
smaller networks. It comes with
either 6 or 8 Gigabit Ethernet
ports, both options include two
pairs of ports for supporting ab-
normal state bypass.
Expansion
To increase customizablility, the
FW-7568 comes with two SATA
connection for HDD drives and
one CompactFlash socket. The
additional mini-PCIe expansion
slot is capable of 3G or WiFi con-
nection.
Smaller Form Factor
While the FW-7568 is still a 1U
appliance, its small form factor
means that it can fit conven-
iently into any network rack or
be placed on most desk or table
tops. Lanner engineers designed
the system off a smaller moth-
erboard in order to accomadate
more users.
2 x USB
Console Port
6x or 8x GbE RJ45
LCD Module
Dimensions: 431 x 44 x 276 mm
2 x Cooling Fans
44
431
Two Pairs of Generation 3
Bypass
Each pair of Generation 3 bypass
ports can be programmed to turn
on and off. They also allow data
packet through when the
appliance is powering on and off.


Numéro de pièce similaire - FW-7568A

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FW-7525 ETC2-FW-7525 Datasheet
463Kb / 2P
   Fanless Desktop x86 Network Security Platform Fanless Desktop x86 Network Security Platform Processor
logo
Lanner All Rights Reser...
FW-7525 LANNER-FW-7525 Datasheet
510Kb / 2P
   Fanless Desktop x86 Network Platform with Intel짰 Atom??C2000 Series ?쏳angeley??Processor
logo
List of Unclassifed Man...
FW-7525A ETC2-FW-7525A Datasheet
463Kb / 2P
   Fanless Desktop x86 Network Security Platform Fanless Desktop x86 Network Security Platform Processor
logo
Lanner All Rights Reser...
FW-7525A LANNER-FW-7525A Datasheet
510Kb / 2P
   Fanless Desktop x86 Network Platform with Intel짰 Atom??C2000 Series ?쏳angeley??Processor
logo
List of Unclassifed Man...
FW-7525B ETC2-FW-7525B Datasheet
463Kb / 2P
   Fanless Desktop x86 Network Security Platform Fanless Desktop x86 Network Security Platform Processor
More results

Description similaire - FW-7568A

FabricantNo de pièceFiches techniqueDescription
logo
Axiomtek Co., Ltd.
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Atom Processor
logo
AAEON Technology
FWS-7200 AAEON-FWS-7200 Datasheet
329Kb / 2P
   1U Rackmount Intel Atom D525 ICH8M Network Appliance With 6 LAN Ports
logo
ADL Embedded Solutions
ADLD25PC ADL-ADLD25PC Datasheet
236Kb / 3P
   Intel Atom D525 Dual Core, 1.80GHz
logo
AAEON Technology
FWS-7360 AAEON-FWS-7360 Datasheet
382Kb / 2P
   1U Rackmount 7 LAN Network Appliance with Intel® Atom™ C3758 Processor SoC
logo
List of Unclassifed Man...
FW-7540 ETC2-FW-7540 Datasheet
236Kb / 2P
   Desktop / Half-rack Network Appliance with Intel Atom D425 or Dual Core D525
logo
Advantech Co., Ltd.
FWA-2011 ADVANTECH-FWA-2011 Datasheet
479Kb / 2P
   1U Rackmount Network Appliance with Intel® Atom™ X5-E3940 Processor and 6 GbE ports
15-Feb-2019
logo
Axiomtek Co., Ltd.
NA-360 AXIOMTEK-NA-360_17 Datasheet
170Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Celeron Processor 725C
logo
List of Unclassifed Man...
FW-7541 ETC2-FW-7541 Datasheet
193Kb / 2P
   Compact Desktop Network Appliance with Dual Core Intel ATOM D525 CPU and Six GbE Network
LEC-3110 ETC2-LEC-3110 Datasheet
556Kb / 4P
   1U Fanless Rackmount Communication Platform with Intel짰 Atom??D525
logo
Advantech Co., Ltd.
FWA-2320 ADVANTECH-FWA-2320 Datasheet
421Kb / 2P
   1U Rackmount Network Appliance with Intel® Atom™ Processor C2000 for vE-CPE and Network Applications
9-Jun-2017
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com