Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FW-6486 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce FW-6486
Description  1U 1.5 GHz VIA C7짰 Network Appliance w/ 2 PCI slots, 3.5??HDD Bay and internal PSU.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

FW-6486 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  FW-6486 Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-6486 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
connect@lannerinc.com
www.lannerinc.com
Ordering Information
Specifications are subject to change without notice
Form Factor
1U
Platform
Processor Options
VIA C7 1.5GHz
Chipset
VIA VX900
BIOS
AMI BIOS
8Mbit SPI Flash ROM
System
Memory
Technology
DDR3 800/1066MHz
Max. Capacity
4GB
Socket
1 x 204P SO-DIMM
OS Support
Windows 2000, 2003, XP, 7. Linux kernel 2.4 and up,
OpenBSD, FreeBSD
Storage
HDD Bays
1 x 2.5” or 1 x 3.5”
CompactFlash
1 x Type II CompactFlash
Networking
Ethernet Ports
4 x GbE RJ45
Bypass
N/A
Controllers
4 x Realtek RTL8111D-GR
Ethernet Modules
N/A
Management Port
N/A
Security Acceleration
N/A
I/O Interface
Reset Button
1 x reset button
Software reset by default
Console
1 x RJ45
USB
2 x USB 2.0
IPMI via OPMA slot
N/A
Expansion
PCIe
N/A
PCI
1 x Mini-PCI
2 x PCI slots
Cooling
Processor
Passive CPU heatsink
System
1 x cooling fan with smart fan control
Environmental
Parameters
Temperature, ambient
operating / storage
0 ~ 40º C / -20~70º C
Humidity (RH), ambient
operating / ambient
non-operating
5~95%, non-condensing
Miscellaneous
LCD Module
2 x 20 characters
Watchdog
Yes
Internal RTC with Li
Battery
Yes
Physical
Dimensions
Dimensions (WxHxD) 431 x 44 x 317 mm
Weight
4 kg
Power
Type / Watts
1U ATX SPS / 100W
Input
AC 100~240V @50~60 Hz
Approvals and Compliance
CE emission, FCC Class A, RoHS
FW-6486B
Network Appliance with 1.5 GHz VIA C7 CPU,
two PCI slots, 3.5” HDD Bay and Internal PSU


Numéro de pièce similaire - FW-6486

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FW-6432 ETC2-FW-6432 Datasheet
164Kb / 2P
   Fanless Network Appliance with 500MHz VIA짰 ULV Eden CPU
FW-6432A ETC2-FW-6432A Datasheet
164Kb / 2P
   Fanless Network Appliance with 500MHz VIA짰 ULV Eden CPU
FW-6436 ETC2-FW-6436 Datasheet
139Kb / 2P
   VIA-based Network Appliance w/ 2 PCI Slots and 2.5??HDD Bay
More results

Description similaire - FW-6486

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FW-6436 ETC2-FW-6436 Datasheet
139Kb / 2P
   VIA-based Network Appliance w/ 2 PCI Slots and 2.5??HDD Bay
logo
AAEON Technology
FWS-7300 AAEON-FWS-7300 Datasheet
491Kb / 2P
   1U Intel Pentium M/ Celeron M Network Appliance With 8 LAN & PCI Expansion Slots
FWS-7150 AAEON-FWS-7150 Datasheet
476Kb / 2P
   1U VIA C7?? Eden??Network Appliance With 5 LAN Ports
logo
Axiomtek Co., Ltd.
EBOX639-830-FL AXIOMTEK-EBOX639-830-FL_16 Datasheet
324Kb / 1P
   2 PCI slots and 1 internal PCI Express Mini Card slot
EBOX639-825-FL AXIOMTEK-EBOX639-825-FL Datasheet
401Kb / 1P
   2 PCI slots and 1 internal PCI Express Mini Card slot
EBOX639-825-FL AXIOMTEK-EBOX639-825-FL_16 Datasheet
360Kb / 1P
   2 PCI slots and 1 internal PCI Express Mini Card slot
logo
Advantech Co., Ltd.
FWA-3260 ADVANTECH-FWA-3260 Datasheet
615Kb / 2P
   1U Rackmount Network Appliance with Intel® Xeon® Processor D Family for vE-CPE and Network Applications, 2 NMC slots
9-Jun-2017
logo
Axiomtek Co., Ltd.
EBOX630-100-FL AXIOMTEK-EBOX630-100-FL_16 Datasheet
353Kb / 1P
   2 internal PCI Express Mini Card slots and 1 SIM slot
logo
AAEON Technology
FWS-7160 AAEON-FWS-7160 Datasheet
454Kb / 2P
   1U Intel Core 2 Duo Network Appliance With 6/8 PCI-Express LAN Ports
logo
Axiomtek Co., Ltd.
P1173-841 AXIOMTEK-P1173-841 Datasheet
346Kb / 2P
   Supports 2 PCI slots
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com