Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FW-5330B Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce FW-5330B
Description  Cost Effective Network Appliance with AMD짰 Low-power T24L Processor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

FW-5330B Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  FW-5330B Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-5330B Datasheet HTML 2Page - List of Unclassifed Manufacturers FW-5330B Datasheet HTML 3Page - List of Unclassifed Manufacturers FW-5330B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
connect@lannerinc.com
www.lannerinc.com
Form Factor
Desktop form factor
Platform
Processor Options
AMD® T24L
Chipset
AMD® A50M
BIOS
AMI BIOS
8Mb SPI Flash Memory
System
Memory
Technology
DDR3
Max. Capacity
4GB
Socket
1 x 204P DIMM
OS Support
Linux kernel 2.6 or up
Storage
HDD Bays
by request
CompactFlash
1 x Type II CompactFlash Socket / CF SATA support
Networking
Ethernet Ports
2 or 4 GbE RJ45
Bypass
N/A
Controllers
2 or 4 RTL 8111E
Ethernet Modules
N/A
Management Port
N/A
Security Acceleration
N/A
I/O Interface
Reset Button
1 x reset button
GPIO programmable
Console
1 x RJ45
USB
2 x USB 2.0
IPMI via OPMA slot
N/A
Expansion
PCIe
Reserve one Mini-PCI-E for ODM only
PCI
N/A
Cooling
Processor
CPU passive heatsink
System
Reserve one system fan for ODM only
Environmental
Parameters
Temperature, ambient
operating / storage
0 ~ 40º C / -20~70º C
Humidity (RH), ambient
operating / ambient
non-operating
5~95%, non-condensing
Miscellaneous
LCD Module
N/A
Watchdog
Yes
Internal RTC with Li
Battery
Yes
Physical
Dimensions
Dimensions (WxHxD) 240 x 44 x 166 mm
Weight
N.W.: 1.2kg, G.W.:2kg
Power
Type / Watts
36W power adaptor
Input
AC 100~240V @50~60 Hz
Approvals and Compliance
CE (EMC), FCC, RoHS


Numéro de pièce similaire - FW-5330B

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
FW-5 MINI-FW-5 Datasheet
195Kb / 1P
   SMA Fixed Attenuator
More results

Description similaire - FW-5330B

FabricantNo de pièceFiches techniqueDescription
logo
Axiomtek Co., Ltd.
NA110 AXIOMTEK-NA110_17 Datasheet
135Kb / 1P
   Fanless Slim-type Network Appliance Platform with AMD G-Series T24L Processor and 4 LANs
logo
List of Unclassifed Man...
FW-7610 ETC2-FW-7610 Datasheet
191Kb / 2P
   1U Cost Effective Network Platform with Intel짰 Celeron 827E/847E processor
logo
Axiomtek Co., Ltd.
NA110 AXIOMTEK-NA110 Datasheet
176Kb / 1P
   Fanless Slim-type Network Appliance Platform with AMD G-Series T24L
logo
List of Unclassifed Man...
FW-7582 ETC2-FW-7582 Datasheet
238Kb / 2P
   Cost Effective Network Security Platform with Intel짰 3rd Generation (Ivy Bridge) Processor
FW-7879 ETC2-FW-7879 Datasheet
270Kb / 2P
   Cost effective appliance for mainstream network applications, from Acceleration to VOIP
FW-8758 ETC2-FW-8758 Datasheet
157Kb / 2P
   1U Intel Cost-Effective Network Platform with Intel H61 Chipset and Support for Intel Celeron Low Power Processor
logo
Axiomtek Co., Ltd.
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Atom Processor
logo
AAEON Technology
FWS-2280 AAEON-FWS-2280 Datasheet
308Kb / 2P
   Desktop Network Appliance with Intel® Elkhart Lake Processor
logo
Advantech Co., Ltd.
FWA-1012VC ADVANTECH-FWA-1012VC Datasheet
608Kb / 2P
   Universal Network Appliance with Intel짰 Atom??Processor C3000 for Processor C3000 for
8-Apr-2019
logo
OmniVision Technologies...
OV2680 OMNIVISION-OV2680 Datasheet
1Mb / 2P
   Cost-Effective, Low-Power 2-Megapixel Sensors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com