Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM3320A Fiches technique(PDF) 2 Page - Nippon Precision Circuits Inc

No de pièce SM3320A
Description  High-sensitivity preamplifier for ultraviolet to infrared detection using a single IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NPC [Nippon Precision Circuits Inc]
Site Internet  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3320A Fiches technique(HTML) 2 Page - Nippon Precision Circuits Inc

  SM3320A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SM3320A
SEIKO NPC CORPORATION - 2
PINOUT
(Top view)
1
234
56
7
8
9
10
11
12
PIN DESCRIPTION
No.
Name
I/O
Function
1
VSS
S
Ground
2
REF
O
Reference voltage
3
A0
I
Address setting input 0
4
A1
I
Address setting input 1
5
A2
I
Address setting input 2
6
OUT
O
Analog output
7
VDD
S
Supply voltage
8
SE
I
Serial I/F enable input
9
CLK
I
Serial I/F clock input
10
OE
I
Output enable control
11
DATA
I/O
Serial I/F data input/output
12
NC
-
Leave open-circuit for normal use
*. I/O: Input/Output pin
I: Input pin
O: Output pin
S: Supply pin
BLOCK DIAGRAM
Photodiode
Preamplifier
+
Postamplifier
Offset
Cancel
Drak Current
Compensation
Sample
&
Hold
Buffer
Timing
Generator
Reference
Voltage
Source
Serial Interface
OUT


Numéro de pièce similaire - SM3320A

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM3320AGA NPC-SM3320AGA Datasheet
255Kb / 15P
   Dark current compensation circuit built-in for stable signal output
More results

Description similaire - SM3320A

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM3321A NPC-SM3321A Datasheet
229Kb / 9P
   High-sensitivity preamplifier for visible to infrared detection using a single IC
logo
Micronas
TBA2800 MICRONAS-TBA2800 Datasheet
138Kb / 4P
   Infrared Preamplifier IC
logo
STMicroelectronics
STHS34PF80 STMICROELECTRONICS-STHS34PF80 Datasheet
1Mb / 13P
   Low-power, high-sensitivity infrared sensor for presence and motion detection
December 2021 Rev 1
logo
Hamamatsu Corporation
S9703 HAMAMATSU-S9703 Datasheet
102Kb / 2P
   Photo IC for laser beam synchronous detection High sensitivity, high-speed response
logo
NEC
UPC2807 NEC-UPC2807 Datasheet
46Kb / 8P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROLLER
UPC2800A NEC-UPC2800A Datasheet
84Kb / 12P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROL
logo
Samsung semiconductor
KA2225 SAMSUNG-KA2225 Datasheet
125Kb / 3P
   DUAL PREAMPLIFIER FOR 3V USING
logo
STMicroelectronics
TDA2320 STMICROELECTRONICS-TDA2320 Datasheet
52Kb / 5P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROL SYSTEMS
logo
NTE Electronics
NTE1764 NTE-NTE1764 Datasheet
20Kb / 2P
   Integrated Circuit Infrared Preamplifier
logo
Hamamatsu Corporation
C12137 HAMAMATSU-C12137_15 Datasheet
1Mb / 9P
   High accuracy, high sensitivity, compact radiation detection module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com