Moteur de recherche de fiches techniques de composants électroniques |
|
TC-1189 Fiches technique(PDF) 4 Page - Microchip Technology |
|
TC-1189 Fiches technique(HTML) 4 Page - Microchip Technology |
4 / 16 page TC1188/TC1189 DS21364B-page 4 2002 Microchip Technology Inc. 2.0 TYPICAL PERFORMANCE CURVES FIGURE 2-1: Line Regulation vs. Temperature. (TC1188) FIGURE 2-2: Output Voltage vs. Temperature. (TC1188) FIGURE 2-3: Load Regulation vs. Temperature. (TC1188) FIGURE 2-4: Load Regulation vs. Temperature. (TC1188) FIGURE 2-5: Dropout Voltage vs. Temperature. (TC1188) FIGURE 2-6: Output Noise vs. Frequency. (TC1188) Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. 0.10 0.08 0.06 0.04 0.00 –0.02 –0.04 –0.06 –0.08 –0.10 0.02 –40 °C0°C 25 °C 70 °C 85 °C TEMPERATURE ( °C) Line Reg. @ 3.50 V to 5.50V(%) 2.930 2.910 2.890 2.870 2.850 2.830 2.810 2.790 2.770 2.750 –40 °C0°C 25 °C 70 °C 85 °C TEMPERATURE ( °C) VOUT - SET/1.0mA @ 3.5V (V) 0.040 0.035 0.030 0.025 0.020 0.015 0.010 0.005 0.000 –40 °C0°C 25 °C 70 °C 85 °C TEMPERATURE ( °C) Load Reg. 0 to 50mA (%) 0.040 0.035 0.030 0.025 0.020 0.015 0.010 0.005 0.000 –40 °C0°C 25 °C 70 °C 85 °C TEMPERATURE ( °C) Load Reg. 0 to 50mA (%) Load Reg. 0 to 100mA (%) 0.120 0.100 0.080 0.060 0.040 0.020 0.000 –40 °C0°C 25 °C 70 °C 85 °C TEMPERATURE ( °C) 50mA, Dropout V (V) FREQUENCY (kHz) 10.0 1.0 0.01 0.01 1 10 100 1000 0.1 0.0 RLOAD = 50µΩ COUT = 1µF |
Numéro de pièce similaire - TC-1189 |
|
Description similaire - TC-1189 |