Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA204X-600B Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce BTA204X-600B
Description  3Q Hi-Com Triac
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA204X-600B Fiches technique(HTML) 5 Page - NXP Semiconductors

  BTA204X-600B Datasheet HTML 1Page - NXP Semiconductors BTA204X-600B Datasheet HTML 2Page - NXP Semiconductors BTA204X-600B Datasheet HTML 3Page - NXP Semiconductors BTA204X-600B Datasheet HTML 4Page - NXP Semiconductors BTA204X-600B Datasheet HTML 5Page - NXP Semiconductors BTA204X-600B Datasheet HTML 6Page - NXP Semiconductors BTA204X-600B Datasheet HTML 7Page - NXP Semiconductors BTA204X-600B Datasheet HTML 8Page - NXP Semiconductors BTA204X-600B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NXP Semiconductors
BTA204X-600B
3Q Hi-Com Triac
BTA204X-600B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
19 May 2014
5 / 13
003aag085
10
102
103
10-5
10-4
10-3
10-2
10-1
tp (s)
ITSM
(A)
(1)
ITSM
t
IT
Tj(init) = 25 °C max
tp
tp ≤ 20 ms; (1) dIT/dt limit
Fig. 5. Non-repetitive peak on-state current as a function of pulse width; maximum values


Numéro de pièce similaire - BTA204X-600B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BTA204X-600B PHILIPS-BTA204X-600B Datasheet
51Kb / 6P
   Three quadrant triacs high commutation
December 1998-Rev 1.000
BTA204X-600B PHILIPS-BTA204X-600B Datasheet
51Kb / 6P
   Three quadrant triacs high commutation
December 1998 Rev 1.000
logo
WeEn Semiconductors
BTA204X-600B WEEN-BTA204X-600B Datasheet
284Kb / 13P
   3Q Hi-Com Triac
More results

Description similaire - BTA204X-600B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BTA312-600D NXP-BTA312-600D Datasheet
293Kb / 14P
   3Q Hi-Com Triac
Rev. 02-30 November 2010
BTA204W-600B PHILIPS-BTA204W-600B Datasheet
209Kb / 15P
   3Q Hi-Com Triac
15 August 2014
BTA204-600F PHILIPS-BTA204-600F Datasheet
196Kb / 13P
   3Q Hi-Com Triac
8 August 2014
logo
WeEn Semiconductors
BTA201W-800E WEEN-BTA201W-800E Datasheet
225Kb / 16P
   3Q Hi-Com triac
BTA204-600B WEEN-BTA204-600B Datasheet
251Kb / 13P
   3Q Hi-Com Triac
BTA204S-800B WEEN-BTA204S-800B Datasheet
313Kb / 13P
   3Q Hi-Com Triac
BTA204W-600D WEEN-BTA204W-600D Datasheet
256Kb / 14P
   3Q Hi-Com Triac
BTA204W-600E WEEN-BTA204W-600E Datasheet
256Kb / 14P
   3Q Hi-Com Triac
BTA316-800E WEEN-BTA316-800E Datasheet
237Kb / 13P
   3Q Hi-Com Triac
BTA410-600CT WEEN-BTA410-600CT Datasheet
454Kb / 12P
   3Q Hi-Com Triac
BTA308Y-800C0T WEEN-BTA308Y-800C0T Datasheet
398Kb / 12P
   3Q Hi-Com Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com