Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54409EVAL1Z Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL54409EVAL1Z
Description  Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54409EVAL1Z Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL54409EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL54409EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL54409EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL54409EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54409EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54409EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54409EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54409EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54409EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Audio/USB 2.0 Wired-OR Switch with Click and
Pop Reduction
ISL54409, ISL54410
The Intersil ISL54409 and ISL54410 are Dual SPST
(Single Pole/Single Throw) switches that provide a very
low distortion audio path for a stereo headphone and
can be connected in a wired-OR configuration at the
switch outputs with USB2.0 HS signals for Audio/USB
signal multiplexing to a common connector. The audio
switch path can be disabled to provide high signal
isolation, preventing crosstalk between the audio codec
and USB data signals.
The ISL54409 and ISL54410 analog switches are
negative swing capable with a single supply voltage and
maintain excellent THD performance within a signal
range of -1V to +1V. The switch terminals have low pin
capacitance (4pF typical), minimizing impact to USB 2.0
High-Speed signals. The ISL54409 offers a Low Power
Shutdown mode while the ISL54410 offers a High
Off-Isolation mode. The ISL54410 contains active Audio
Click and Pop Elimination circuitry for AC-coupled audio
signals.
The ISL54409 and ISL54410 are available in a 8 Ld
TDFN (2mmx2mm) or a 10 Ld µTQFN (1.8mmx1.4mm)
package. They operate over a temperature range of
-40 to +85°C.
Features
• Single Supply Operation (VDD) . . . +2.7V to +5.0V
• Negative Signal Handling (See “Audio/USB wired-OR
Application” on page 8 on protecting USB controller)
• Low OFF Capacitance for HS USB . . . . . . . . . . 4pF
• Power Off Protection
•THD+N at 1mW into 32Ω Load . . . . . . . . <0.02%
• Audio Muting . . . . . . . . . . . . . . . . . . . . .>110dB
• Low Power Consumption. . . . 21µW with 3V supply
• Low Power Shutdown Mode (ISL54409)
• Active Click and Pop Elimination Circuitry (ISL54410)
•USB VBUS Hot Plug Operation
• Available in 8 Ld TDFN (2mmx2mm) or 10 Ld µTQFN
(1.8mmx1.4mm) Package
Applications*(see page 11)
• Consumer Entertainment Systems
• MP3 and other Personal Media Players
• Cellular/Mobile Phones and PDAs
Related Literature*(see page 11)
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
Typical Application
USB2.0 HS Eye Diagram
LOGIC
CONTROL
CTRL
IN
CODEC
µCONTROLLER
COM+
COM-
ISL54409
AUDIO
USB
CONTROLLER
RIN
LIN
ISL54410
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
January 14, 2010
FN6983.1


Numéro de pièce similaire - ISL54409EVAL1Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54409EVAL1Z INTERSIL-ISL54409EVAL1Z Datasheet
378Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
ISL54409EVAL1Z INTERSIL-ISL54409EVAL1Z Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
logo
Renesas Technology Corp
ISL54409EVAL1Z RENESAS-ISL54409EVAL1Z Datasheet
680Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
More results

Description similaire - ISL54409EVAL1Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54409 INTERSIL-ISL54409_10 Datasheet
378Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
logo
Renesas Technology Corp
ISL54409 RENESAS-ISL54409 Datasheet
680Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
logo
Intersil Corporation
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409 INTERSIL-ISL54409 Datasheet
387Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
ISL54211 INTERSIL-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54211 RENESAS-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
   Audio Click-Pop Suppressor
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com