Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54210IRUZ-T Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL54210IRUZ-T
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54210IRUZ-T Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL54210IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54210IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54210IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54210IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54210IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54210IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54210IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54210IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54210IRUZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
FN6661.2
March 18, 2010
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD
Full
2.7
-
3.6
V
Positive Supply Current, IDD
(Audio Mode)
VDD = 3.6V, VBUS = 0V, CTRL = 3.6V 25
-
7
10
µA
Full
-
-
12
µA
Positive Supply Current, IDD
(USB Mode)
VDD = 3.6V, VBUS = 5.25V,
CTRL = 3.6V
25
-
2.4
4
µA
Full
-
-
5
µA
Positive Supply Current, IDD
(Mute Mode)
VDD = 3.6V, VBUS = 0V, CTRL = 0V
25
-
2.4
4
µA
Full
-
-
5
µA
VBUS Current, IVBUS
VDD = 0V, VBUS = 5.25V,
CTRL = Float
25
-
-
1
µA
DIGITAL INPUT CHARACTERISTICS
VBUS Voltage Low, VVBUSL
VDD = 2.7V to 3.6V
Full
-
-
VDD + 0.2V
V
VBUS Voltage High, VVBUSH VDD = 2.7V to 3.6V
Full
VDD + 0.8V
--
V
CTRL Voltage Low, VCTRLL
VDD = 2.7V to 3.6V
Full
-
-
0.5
V
CTRL Voltage High, VCTRLH VDD = 2.7V to 3.6V
Full
1.4
--
V
Input Current, IVBUSL,
ICTRLL
VDD = 3.6V, VBUS= 0V or float,
CTRL = 0V or Float
Full
-50
2
50
nA
Input Current, IVBUSH
VDD = 3.6V, VBUS = 5.25V,
CTRL = 0V or float
Full
-2
1
2
µA
Input Current, ICTRLH
VDD = 3.6V, VBUS = 0V or float,
CTRL = 3.6V
Full
-2
1
2
µA
VBUS Pull-Down Resistor,
RVBUS
VDD = 3.6V, VBUS = 5.25V,
CTRL = 0V or float, measure current
through the internal pull-down
resistor and calculate resistance
value.
Full
-
4
-
CTRL Pull-Down Resistor,
RCTRL
VDD = 3.6V, VBUS = 0V or float,
CTRL = 3.6V, measure current
through the internal pull-down
resistor and calculate resistance
value.
Full
-
4
-
NOTES:
11. VLOGIC = Input voltage to perform proper function.
12. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum.
13. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
14. Flatness is defined as the difference between maximum and minimum value of ON-resistance over the specified analog signal
range.
15. Limits established by characterization and are not production tested.
16. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel
with lowest max rON value, between L and R or between D+ and D-.
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VBUSH = 3.8V, VBUSL = 3.2V,
VCTRLH =1.4V, VCTRLL = 0.5V, (Note 11), Unless Otherwise Specified.
Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 12, 13)
TYP
MAX
(Notes 12, 13) UNITS
ISL54210


Numéro de pièce similaire - ISL54210IRUZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54210IRUZ-T INTERSIL-ISL54210IRUZ-T Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54210IRUZ-T RENESAS-ISL54210IRUZ-T Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
More results

Description similaire - ISL54210IRUZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54210 INTERSIL-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54210 RENESAS-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Intersil Corporation
ISL54211 INTERSIL-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54211 RENESAS-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com