Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL43410IUZ Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL43410IUZ
Description  Low-Voltage, Single Supply, DPDT High Performance Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43410IUZ Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL43410IUZ Datasheet HTML 1Page - Intersil Corporation ISL43410IUZ Datasheet HTML 2Page - Intersil Corporation ISL43410IUZ Datasheet HTML 3Page - Intersil Corporation ISL43410IUZ Datasheet HTML 4Page - Intersil Corporation ISL43410IUZ Datasheet HTML 5Page - Intersil Corporation ISL43410IUZ Datasheet HTML 6Page - Intersil Corporation ISL43410IUZ Datasheet HTML 7Page - Intersil Corporation ISL43410IUZ Datasheet HTML 8Page - Intersil Corporation ISL43410IUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN6044.4
May 12, 2008
Absolute Maximum Ratings
Thermal Information
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 15V
Input Voltages
INH, NO, NC, ADD (Note 2) . . . . . . . . . . . . -0.3V to ((V+) + 0.3V)
Output Voltages
COM (Note 2) . . . . . . . . . . . . . . . . . . . . . . . -0.3V to ((V+) + 0.3V)
Continuous Current (Any Terminal) . . . . . . . . . . . . . . . . . . . . .
30mA
Peak Current NO, NC, or COM
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . . .
40mA
Operating Conditions
Temperature Range
ISL43410Ix. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to 85°C
Thermal Resistance (Typical)
θ
JA (°C/W)
θ
JC (°C/W)
10 Ld MSOP Package (Note 3) . . . . . .
190
N/A
16 Ld QFN Package (Notes 4, 5). . . . .
58
11
Maximum Junction Temperature (Plastic Package). . . . . . . +150°C
Moisture Sensitivity (See Technical Brief TB363)
All Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 1
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
2. Signals on NC, NO, COM, ADD, or INH exceeding V+ or GND are clamped by internal diodes. Limit forward diode current to maximum current
ratings.
3.
θ
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
4.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
θ
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications +5V Supply Test Conditions: V+ = +4.5V to +5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 6), Unless
Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 7, 12)
TYP
MAX
(Notes 7, 12)
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON-Resistance, rON
V+ = 4.5V, ICOM = 1.0mA, VNO or VNC = 3.5V,
(See Figure 5, Note 11)
25
-
115
125
Ω
Full
-
-
150
Ω
rON Matching Between Channels,
Δr
ON
V+ = 4.5V, ICOM = 1.0mA, VNO or VNC = 3.5V,
(Notes 9, 11)
25
-
1
3
Ω
Full
-
-
5
Ω
rON Flatness, rFLAT(ON)
V+ = 5.5V, ICOM = 1.0mA, VNO or VNC = 1.5V, 2.5V,
3.5V, (Notes 10, 11)
25
-
12
13
Ω
Full
-
13
18
Ω
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 5.5V, VCOM = 1V, 4.5V, VNO or VNC = 4.5V, 1V
(Note 8)
25
-3
-
3
nA
Full
-5
-
5
nA
COM OFF Leakage Current,
ICOM(OFF)
V+ = 5.5V, VCOM = 4.5V, 1V, VNO or VNC = 1V, 4.5V
(Note 8)
25
-3
-
3
nA
Full
-5
-
5
nA
COM ON Leakage Current,
ICOM(ON)
V
+ = 5.5V, V
COM = 1V, 4.5V, or VNO or VNC = 1V, 4.5V,
or Floating (Note 8)
25
-3
-
3
nA
Full
-5
-
5
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH
Full
2.4
1.4
-
V
Input Voltage Low, VINL
Full
-
1.3
0.8
V
Input Current, IINH, IINL
V+ = 5.5V, VIN = 0V or V+
Full
-0.5
-
0.5
µA
DYNAMIC CHARACTERISTICS
Inhibit Turn-ON Time, tON
V+ = 4.5V, VNO or VNC = 3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3 (See Figure 1)
25
-
60
-
ns
Full
-
75
-
ns
ISL43410


Numéro de pièce similaire - ISL43410IUZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL43410IUZ INTERSIL-ISL43410IUZ Datasheet
422Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
ISL43410IUZ INTERSIL-ISL43410IUZ Datasheet
493Kb / 13P
   Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High
logo
Renesas Technology Corp
ISL43410IUZ RENESAS-ISL43410IUZ Datasheet
825Kb / 14P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
Intersil Corporation
ISL43410IUZ-T INTERSIL-ISL43410IUZ-T Datasheet
422Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
ISL43410IUZ-T INTERSIL-ISL43410IUZ-T Datasheet
493Kb / 13P
   Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High
More results

Description similaire - ISL43410IUZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL43410 RENESAS-ISL43410 Datasheet
825Kb / 14P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
Intersil Corporation
ISL43410 INTERSIL-ISL43410_06 Datasheet
422Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
ON Semiconductor
NLAS44599DTR2G ONSEMI-NLAS44599DTR2G Datasheet
175Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
July, 2008 ??Rev. 14
NLAST9431 ONSEMI-NLAST9431 Datasheet
101Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS9431 ONSEMI-NLAS9431 Datasheet
111Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS44599 ONSEMI-NLAS44599 Datasheet
167Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
April, 2005 ??Rev. 13
NLAST44599 ONSEMI-NLAST44599_10 Datasheet
148Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
November, 2010 ??Rev. 9
NLAST44599 ONSEMI-NLAST44599 Datasheet
90Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
August, 2002 ??Rev. 5
NLAST44599 ONSEMI-NLAST44599_05 Datasheet
147Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
February, 2005 ??Rev. 7
logo
Intersil Corporation
ISL43410 INTERSIL-ISL43410 Datasheet
493Kb / 13P
   Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com