Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL43240IRZ Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL43240IRZ
Description  Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43240IRZ Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL43240IRZ Datasheet HTML 1Page - Intersil Corporation ISL43240IRZ Datasheet HTML 2Page - Intersil Corporation ISL43240IRZ Datasheet HTML 3Page - Intersil Corporation ISL43240IRZ Datasheet HTML 4Page - Intersil Corporation ISL43240IRZ Datasheet HTML 5Page - Intersil Corporation ISL43240IRZ Datasheet HTML 6Page - Intersil Corporation ISL43240IRZ Datasheet HTML 7Page - Intersil Corporation ISL43240IRZ Datasheet HTML 8Page - Intersil Corporation ISL43240IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ISL43240
5
FN6036.3
December 15, 2014
Submit Document Feedback
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 5.5V, V- = 0V, VIN = 0V or V+, Switch On or Off
25
-1
0.01
1
µA
Full
-1
-
1
µA
Negative Supply Current, I-
25
-1
0.01
1
µA
Full
-1
-
1
µA
Electrical Specifications 3.3V Supply Test Conditions: V+ = +3.0V to +3.6V, V- = GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 7),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 8)TYP
MAX
(Note 8)UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, rON
V+ = 3V, ICOM = 1.0mA, VNO or VNC = 1.5V,
See Figure 5
25
-
51
60
Ω
Full
-
-
70
Ω
rON Matching Between Channels,
rON
V+ = 3V, ICOM = 1.0mA, VNO or VNC = 1.5V
25
-
0.5
3
Ω
Full
-
-
4
Ω
rON Flatness, RFLAT(ON)
V+ = 3V, ICOM = 1.0mA, VNO or VNC = 0.5V, 1.5V, Note 10
25
-
12
17
Ω
Full
-
-
17
Ω
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 3.6V, VCOM = 1V, 3V, VNO or VNC = 3V, 1V,
Note 9
25
-0.2
-
0.2
nA
Full
-2.5
-
2.5
nA
COM ON Leakage Current, ICOM(ON) V+ = 3.6V, VCOM = 1V, 3V, VNO or VNC = 1V, 3V, Note 9
25
-0.4
-
0.4
nA
Full
-5
-
5
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH
Full
2.4
1.0
-
V
Input Voltage Low, VINL
Full
-
0.9
0.8
V
Input Current, IINH, IINL
V+ = 3.6V, VIN = 0V or V+
Full
-1
-
1
µA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 3.0V, VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, See Figure 1
25
-
120
138
ns
Full
-
-
160
ns
Turn-OFF Time, tOFF
V+ = 3.0V, VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, See Figure 1
25
-
50
60
ns
Full
-
-
65
ns
Break-before-make Time Delay, tD
V+ = 3.6V, VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, See Figure 3
Full
30
60
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0ΩSee Figure 2
25
-
1
2
pC
NO OFF Capacitance, COFF
f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
10
-
pF
NC OFF Capacitance, COFF
f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
10
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
30
-
pF
OFF Isolation
RL = 50Ω, CL = 15pF, f = 1MHz,
VNO or VNC = 1VRMS, See Figures 4 and 6
25
-
71
-
dB
Crosstalk, Note 11
25
-
-92
-
dB
Power Supply Rejection Ratio
RL = 50Ω, CL = 5pF, f = 1MHz
25
-
59
-
dB
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 3.6V, V- = 0V, VIN = 0V or V+, Switch On or Off
25
-1
0.01
1
µA
Full
-1
-
1
µA
Negative Supply Current, I-
25
-1
0.01
1
µA
Full
-1
-
1
µA
Electrical Specifications 5V Supply Test Conditions: V+ = +4.5V to +5.5V, V- = GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 7),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 8)TYP
MAX
(Note 8)UNITS


Numéro de pièce similaire - ISL43240IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL43240IRZ INTERSIL-ISL43240IRZ Datasheet
463Kb / 14P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43240IRZ RENESAS-ISL43240IRZ Datasheet
975Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
logo
Intersil Corporation
ISL43240IRZ-T INTERSIL-ISL43240IRZ-T Datasheet
463Kb / 14P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
More results

Description similaire - ISL43240IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL43240 RENESAS-ISL43240 Datasheet
975Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
logo
Intersil Corporation
ISL43240 INTERSIL-ISL43240 Datasheet
442Kb / 14P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
ISL43240 INTERSIL-ISL43240_04 Datasheet
463Kb / 14P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
ISL8394 INTERSIL-ISL8394 Datasheet
294Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
ISL8394 INTERSIL-ISL8394_06 Datasheet
383Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
logo
Renesas Technology Corp
ISL8394 RENESAS-ISL8394 Datasheet
607Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
ISL43231 RENESAS-ISL43231 Datasheet
938Kb / 16P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
logo
Intersil Corporation
ISL43231 INTERSIL-ISL43231 Datasheet
537Kb / 15P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
ISL43231 INTERSIL-ISL43231_06 Datasheet
491Kb / 15P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com