Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL43112IHZ-T Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL43112IHZ-T
Description  Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43112IHZ-T Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL43112IHZ-T Datasheet HTML 1Page - Intersil Corporation ISL43112IHZ-T Datasheet HTML 2Page - Intersil Corporation ISL43112IHZ-T Datasheet HTML 3Page - Intersil Corporation ISL43112IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL43112IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL43112IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL43112IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL43112IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL43112IHZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Pinouts (Note 1)
ISL43112 (SOIC)
TOP VIEW
ISL43112 (SOT-23)
TOP VIEW
ISL43113 (SOIC)
TOP VIEW
ISL43113 (SOT-23)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
COM
V-
V+
NO
IN
6
7
8
5
1
2
3
4
N.C.
N.C.
N.C.
4
5
1
2
3
COM
V+
V-
NO
IN
COM
V-
V+
NC
IN
6
7
8
5
1
2
3
4
N.C.
N.C.
N.C.
4
5
1
2
3
COM
V+
V-
NC
IN
Truth Table
LOGIC
ISL43112
ISL43113
0OFF
ON
1ON
OFF
NOTE:
Logic “0”
≤ 1.5V; Logic “1” ≥ 3.5V at V
S = ±5V
Pin Descriptions
PIN
FUNCTION
V+
System Positive Power Supply Input (+1.5V to +6V)
V-
System Negative Power Supply Input (-1.5V to -6V)
IN
CMOS Compatible Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
N.C.
No Internal Connection
Ordering Information
PART
NUMBER
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL43112IB
-40 to 85
8 Ld SOIC
M8.15
ISL43112IB-T
-40 to 85
Tape and Reel
M8.15
ISL43112IBZ
(Note)
-40 to 85
8 Ld SOIC
(Pb-free)
M8.15
ISL43112IBZ-T
(Note)
-40 to 85
Tape and Reel
(Pb-free) M8.15
ISL43112IH-T
(112I)
-40 to 85
5 Ld SOT-23, Tape and
Reel
P5.064
ISL43112IHZ-T
(112I) (Note)
-40 to 85
5 Ld SOT-23,
Tape and Reel
(Pb-free)
P5.064
ISL43113IB
-40 to 85
8 Ld SOIC
M8.15
ISL43113IB-T
-40 to 85
Tape and Reel
M8.15
ISL43113IBZ
(Note)
-40 to 85
8 Ld SOIC
(Pb-free)
M8.15
ISL43113IBZ-T
(Note)
-40 to 85
Tape and Reel
(Pb-free) M8.15
ISL43113IH-T
(113I)
-40 to 85
5 Ld SOT-23, Tape and
Reel
P5.064
ISL43113IHZ-T
(113I) (Note)
-40 to 85
5 Ld SOT-23, Tape and
Reel
(Pb-free)
P5.064
ISL43112, ISL43113


Numéro de pièce similaire - ISL43112IHZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL43112IHZ-T INTERSIL-ISL43112IHZ-T Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43112IHZ-T RENESAS-ISL43112IHZ-T Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
More results

Description similaire - ISL43112IHZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL43112 INTERSIL-ISL43112_04 Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL43112 INTERSIL-ISL43112 Datasheet
222Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43112 RENESAS-ISL43112 Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43110 INTERSIL-ISL43110 Datasheet
749Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
ISL43110 INTERSIL-ISL43110_05 Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43110 RENESAS-ISL43110 Datasheet
757Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com