Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3480IM3X-5.0 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce LM3480IM3X-5.0
Description  LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM3480IM3X-5.0 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button LM3480IM3X-5.0 Datasheet HTML 6Page - Texas Instruments LM3480IM3X-5.0 Datasheet HTML 7Page - Texas Instruments LM3480IM3X-5.0 Datasheet HTML 8Page - Texas Instruments LM3480IM3X-5.0 Datasheet HTML 9Page - Texas Instruments LM3480IM3X-5.0 Datasheet HTML 10Page - Texas Instruments LM3480IM3X-5.0 Datasheet HTML 11Page - Texas Instruments LM3480IM3X-5.0 Datasheet HTML 12Page - Texas Instruments LM3480IM3X-5.0 Datasheet HTML 13Page - Texas Instruments LM3480IM3X-5.0 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
+
Current
Limit
IN
OUT
GND
LM3480
PNP
Bandgap
Reference
Thermal
Shutdown
NPN
LM3480
SNVS011H – JUNE 1999 – REVISED SEPTEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LM3480 is an integrated linear voltage regulator with inputs that can be as high as 30 V. It ensures a
maximum dropout of 1.2 V at the full load of 100 mA. The LM3480 has different output options including 3.3-V, 5-
V, 12-V, and 15-V outputs, making LM3480 the tiny alternative to industry standard LM78Lxx series and similar
devices.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 3.3-V, 5-V, 12-V, and 15-V Versions Available
The 3.3-V, 5-V, 12-V, and 15-V versions of LM3480 series are intended as tiny alternatives to industry standard
LM78Lxx series and similar devices.
7.3.2 1.2-V Ensured Maximum Dropout
The 1.2-V quasi-low dropout of the LM3480 series devices make them a nice fit in many application where the 2-
V to 2.5-V dropout of LM78Lxx series devices precludes their use.
7.4 Device Functional Modes
7.4.1 Operation with VIN = 5 V
The 3.3-V member of LM3480 can operate with an input of 5 V ±5%, its tiny SOT-23 package and quasi-low
dropout makes it suitable for providing a very tiny, 3.3-V, 100-mA bias supply from 5-V power supply.
10
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM3480


Numéro de pièce similaire - LM3480IM3X-5.0

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3480IM3X-5.0 NSC-LM3480IM3X-5.0 Datasheet
277Kb / 9P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LM3480IM3X-5.0 TI-LM3480IM3X-5.0 Datasheet
996Kb / 15P
[Old version datasheet]   LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
More results

Description similaire - LM3480IM3X-5.0

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3480IM3X-15 TI-LM3480IM3X-15 Datasheet
996Kb / 15P
[Old version datasheet]   LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
TECH PUBLIC Electronics...
TLV76033DBZR TECHPUBLIC-TLV76033DBZR Datasheet
1Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3480IM3X-3.3 TECHPUBLIC-LM3480IM3X-3.3 Datasheet
2Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LM3480 NSC-LM3480 Datasheet
277Kb / 9P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LM3490IM5-12 TI-LM3490IM5-12 Datasheet
1,007Kb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
logo
National Semiconductor ...
LM3490 NSC-LM3490 Datasheet
291Kb / 10P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LM3490 NSC-LM3490_07 Datasheet
310Kb / 12P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Texas Instruments
LM3490IM5-5 TI1-LM3490IM5-5 Datasheet
1Mb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Analog Devices
ADP3307 AD-ADP3307_15 Datasheet
1Mb / 8P
   100 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com