Moteur de recherche de fiches techniques de composants électroniques |
|
LM341T-5.0 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
LM341T-5.0 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 18 page LM341/LM78MXX SNVS090E – MAY 2004 – REVISED AUGUST 2005 www.ti.com ABSOLUTE MAXIMUM RATINGS (1) (2) Lead Temperature (Soldering, 10 seconds) TO Package (NDT) 300°C TO-220 Package (NDE) 260°C Storage Temperature Range −65°C to +150°C Operating Junction Temperature Range −40°C to +125°C Power Dissipation(3) Internally Limited Input Voltage 5V ≤ VO ≤ 15V 35V ESD Susceptibility TBD (1) Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the device outside of its rated operating conditions. (2) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and specifications. (3) The typical thermal resistance of the three package types is: NDE (TO-220) package: θ(JA) = 60 °C/W, θ(JC) = 5 °C/W NDT (TO) package: θ(JA) = 120 °C/W, θ(JC) = 18 °C/W NDP (PFM) package: θ(JA) = 92 °C/W, θ(JC) = 10 °C/W LM341-5.0, LM78M05C ELECTRICAL CHARACTERISTICS Unless otherwise specified: VIN = 10V, CIN = 0.33 μF, CO = 0.1 μF Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the −40°C to +125°C operating temperature range. Limits are specified by production testing or correlation techniques using standard Statistical Quality Control (SQC) methods. Symbol Parameter Conditions Min Typ Max Units VO Output Voltage IL= 500 mA 4.8 5.0 5.2 V 5 mA ≤ IL ≤ 500 mA 4.75 5.0 5.25 PD ≤ 7.5W, 7.5V ≤ VIN ≤ 20V VR LINE Line Regulation 7.2V ≤ VIN ≤ 25V IL = 100 mA 50 mV IL = 500 mA 100 VR LOAD Load Regulation 5 mA ≤ IL ≤ 500 mA 100 IQ Quiescent Current IL = 500 mA 4 10.0 mA ΔIQ Quiescent Current Change 5 mA ≤ IL ≤ 500 mA 0.5 7.5V ≤ VIN ≤ 25V, IL = 500 mA 1.0 Vn Output Noise Voltage f = 10 Hz to 100 kHz 40 μV ΔVIN/ΔVO Ripple Rejection f = 120 Hz, IL = 500 mA 78 dB VIN Input Voltage Required to Maintain IL = 500 mA 7.2 V Line Regulation ΔVO Long Term Stability IL = 500 mA 20 mV/khrs 2 Submit Documentation Feedback Copyright © 2004–2005, Texas Instruments Incorporated Product Folder Links: LM341/LM78MXX |
Numéro de pièce similaire - LM341T-5.0 |
|
Description similaire - LM341T-5.0 |