Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM317M Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce LM317M
Description  LM317M 3-Terminal Adjustable Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM317M Fiches technique(HTML) 2 Page - Texas Instruments

  LM317M_15 Datasheet HTML 1Page - Texas Instruments LM317M_15 Datasheet HTML 2Page - Texas Instruments LM317M_15 Datasheet HTML 3Page - Texas Instruments LM317M_15 Datasheet HTML 4Page - Texas Instruments LM317M_15 Datasheet HTML 5Page - Texas Instruments LM317M_15 Datasheet HTML 6Page - Texas Instruments LM317M_15 Datasheet HTML 7Page - Texas Instruments LM317M_15 Datasheet HTML 8Page - Texas Instruments LM317M_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LM317M
SLVS297P – APRIL 2000 – REVISED MARCH 2014
www.ti.com
Table of Contents
7.3
Feature Description................................................... 7
1
Features .................................................................. 1
7.4
Device Functional Modes.......................................... 8
2
Applications ........................................................... 1
8
Applications and Implementation ........................ 9
3
Description ............................................................. 1
8.1
Application Information.............................................. 9
4
Revision History..................................................... 2
8.2
Typical Application .................................................... 9
5
Terminal Configuration and Functions................ 3
9
Power Supply Recommendations ...................... 11
6
Specifications......................................................... 3
10
Layout................................................................... 11
6.1
Absolute Maximum Ratings ..................................... 3
10.1
Layout Guidelines ................................................. 11
6.2
Handling Ratings....................................................... 3
10.2
Layout Example .................................................... 11
6.3
Recommended Operating Conditions ....................... 3
11
Device and Documentation Support ................. 12
6.4
Thermal Information .................................................. 4
11.1
Trademarks ........................................................... 12
6.5
Electrical Characteristics........................................... 4
11.2
Electrostatic Discharge Caution ............................ 12
6.6
Typical Characteristics .............................................. 5
11.3
Glossary ................................................................ 12
7
Detailed Description .............................................. 7
12
Mechanical, Packaging, and Orderable
7.1
Overview ................................................................... 7
Information ........................................................... 12
7.2
Functional Block Diagram ......................................... 7
4 Revision History
Changes from Revision O (July 2006) to Revision P
Page
Removed Ordering Information Table ................................................................................................................................... 1
Clarified TJ package field ....................................................................................................................................................... 3
2
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM317M


Numéro de pièce similaire - LM317M_15

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
LM317M UTC-LM317M_15 Datasheet
292Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results

Description similaire - LM317M_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com