Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BFP640 Fiches technique(PDF) 25 Page - Infineon Technologies AG

No de pièce BFP640
Description  Low Noise Silicon Germanium Bipolar RF Transistor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP640 Fiches technique(HTML) 25 Page - Infineon Technologies AG

Back Button BFP640_15 Datasheet HTML 20Page - Infineon Technologies AG BFP640_15 Datasheet HTML 21Page - Infineon Technologies AG BFP640_15 Datasheet HTML 22Page - Infineon Technologies AG BFP640_15 Datasheet HTML 23Page - Infineon Technologies AG BFP640_15 Datasheet HTML 24Page - Infineon Technologies AG BFP640_15 Datasheet HTML 25Page - Infineon Technologies AG BFP640_15 Datasheet HTML 26Page - Infineon Technologies AG BFP640_15 Datasheet HTML 27Page - Infineon Technologies AG BFP640_15 Datasheet HTML 28Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
BFP640
Electrical Characteristics
Data Sheet
25
Revision 2.0, 2015-03-13
Figure 5-19 Noise Figure
NF
min = f (IC), VCE = 3 V, ZS = Zopt, f = Parameter in GHz
Figure 5-20 Noise Figure
NF
50 = f (IC), VCE = 3 V, ZS = 50 Ω, f = Parameter in GHz
Note: The curves shown in this chapter have been generated using typical devices but shall not be considered as
a guarantee that all devices have identical characteristic curves.
0
5
10
15
20
25
30
35
40
45
0
0.5
1
1.5
2
2.5
3
I
C
[mA]
f = 0.45GHz
f = 0.9GHz
f = 1.5GHz
f = 1.9GHz
f = 2.4GHz
f = 3.5GHz
f = 5.5GHz
f = 10GHz
0
5
10
15
20
25
30
35
40
45
0
0.5
1
1.5
2
2.5
3
3.5
I
C
[mA]
f = 1.9GHz
f = 3.5GHz
f = 5.5GHz
f = 0.45GHz
f = 0.9GHz
f = 1.5GHz
f = 2.4GHz
f = 10GHz


Numéro de pièce similaire - BFP640_15

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BFP640E6327 INFINEON-BFP640E6327 Datasheet
154Kb / 10P
   NPN Silicon Germanium RF Transistor
2007-05-29
BFP640ESD INFINEON-BFP640ESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.0, 2010-06-29
BFP640ESD INFINEON-BFP640ESD Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-09-17
BFP640ESD INFINEON-BFP640ESD_12 Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-09-17
BFP640F INFINEON-BFP640F Datasheet
190Kb / 6P
   NPN Silicon Germanium RF Transistor
Mar-11-2004
More results

Description similaire - BFP640_15

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BFP740 INFINEON-BFP740_15 Datasheet
1Mb / 28P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2015-01-20
BFR740L3RH INFINEON-BFR740L3RH_16 Datasheet
1Mb / 29P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.1, 2016-03-16
BFP720 INFINEON-BFP720_12 Datasheet
1Mb / 25P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-10-19
BFP640F INFINEON-BFP640F_15 Datasheet
1Mb / 28P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.0, 2015-03-13
BFP760 INFINEON-BFP760_15 Datasheet
837Kb / 27P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2013-08-05
BFP720F INFINEON-BFP720F_12 Datasheet
1Mb / 25P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-10-25
BFP740F INFINEON-BFP740F_15 Datasheet
1Mb / 28P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.0, 2015-03-12
BFR720L3RH INFINEON-BFR720L3RH_12 Datasheet
1Mb / 28P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.0, 2012-09-03
BFP640ESD INFINEON-BFP640ESD_12 Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-09-17
BFP840FESD INFINEON-BFP840FESD Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2013-04-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com