Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL29125EVAL1Z Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL29125EVAL1Z
Description  Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29125EVAL1Z Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL29125EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ISL29125
2
FN8424.2
January 24, 2014
Submit Document Feedback
Block Diagram
Pin Configuration
ISL29125
(6 LD ODFN)
TOP VIEW
SCL
SDA
4
6
R
INTEGRATING
ADC
CMD
Register
DATA
Register
INTERRUPT
IREF
fOSC
COMMAND
REGISTER
LIGHT DATA
PROCESS
5
INT
3
GND
1
VDD
I
2C/SMB
RED
GREEN
BLUE
SD A
SC L
VD D
GN D
5
6
1
2
NC
4
3
IN T
Pin Descriptions
PIN
NUMBER PIN NAME
DESCRIPTION
1
VDD
Positive supply
2
NC
No Connect
3GND
Ground
4SDA
I2C serial data
5INT
Interrupt; LOW for interrupt alarming. INT pin is
open drain. INT remains asserted until the
interrupt status bit is reset.
INT also become a input when it is set in SYNC
mode
6SCL
I2C serial clock
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
TEMP RANGE
(°C)
PACKAGE
TAPE & REEL
(Pb-free)
PKG.
DWG. #
ISL29125IROZ-T7
-40 to +85
6 Ld ODFN
L6.1.65x1.65
ISL29125EVAL1Z
Evaluation Board.
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate
- e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see product information page for ISL29125. For more information on MSL please see tech brief TB477.


Numéro de pièce similaire - ISL29125EVAL1Z

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL29125EVAL1Z RENESAS-ISL29125EVAL1Z Datasheet
786Kb / 17P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
More results

Description similaire - ISL29125EVAL1Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL29124 INTERSIL-ISL29124 Datasheet
100Kb / 2P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
February 19, 2014
logo
Renesas Technology Corp
ISL29124 RENESAS-ISL29124 Datasheet
770Kb / 16P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
January 13, 2015
ISL29125 RENESAS-ISL29125 Datasheet
786Kb / 17P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
logo
Intersil Corporation
ISL29125 INTERSIL-ISL29125 Datasheet
99Kb / 2P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
logo
Renesas Technology Corp
ISL29120 RENESAS-ISL29120 Datasheet
462Kb / 8P
   Digital Output, Low Power, Red, Green, and Blue Color Light Sensor
logo
Intersil Corporation
ISL29120 INTERSIL-ISL29120 Datasheet
343Kb / 8P
   Digital Output, Low Power, Red, Green, and Blue Color Light Sensor
logo
ams AG
TCS3472 AMSCO-TCS3472 Datasheet
1Mb / 27P
   COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
List of Unclassifed Man...
TCS34727FN ETC2-TCS34727FN Datasheet
1Mb / 27P
   COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
Broadcom Corporation.
APDS-9250 BOARDCOM-APDS-9250 Datasheet
522Kb / 21P
   Digital RGB, IR and Ambient Light Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9250 AVAGO-APDS-9250 Datasheet
522Kb / 21P
   Digital RGB, IR and Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com