Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL29125IROZ-T7 Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL29125IROZ-T7
Description  Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29125IROZ-T7 Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL29125IROZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ISL29125
3
FN8424.2
January 24, 2014
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.0V
I2C Bus (SCL, SDA) and INT Pin Voltage. . . . . . . . . . . . . . . . . . -0.2V to 4.0V
I2C Bus (SCL, SDA) and INT Pin Current. . . . . . . . . . . . . . . . . . . . . . . <10mA
Input Voltage Slew Rate (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.1V/µs
ESD Ratings
Human Body Model (HBM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.5kV
Machine Model (MM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V
Charged Device Model (CDM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Thermal Resistance (Typical)
θJA (°C/W)
6 Ld ODFN Package (Note 4) . . . . . . . . . . . . . . . . . . . . .
260
Maximum Junction Temperature (TJMAX). . . . . . . . . . . . . . . . . . . . . . .+90°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-40°C to +100°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTE:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
Electrical Specifications V
DD = 3.0V, TA = +25°C, 16-bit ADC operation, unless otherwise specified.
SYMBOL
PARAMETER
CONDITION
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
VDD
Power Supply Range
2.25
3.63
V
IDD
Supply Current
56
85
µA
IDD1
Supply Current when Standby
Software disabled
29
37
µA
IDD2
Supply Current when Powered Down
Software disabled
0.5
1.45
µA
VI2C
Supply Voltage Range for I2C Interface
1.7
3.63
V
tINT
ADC Integration/Conversion Time
16-bit ADC data
101
ms
fI2C
I2C Clock Rate Range
500
kHz
DDark Count Output When Dark
Lux = 0 lux, Range = 0 (375lux)
1
5
Counts
CCT
Corrected Color Temperature Accuracy
Illuminant A is at 300 lux (see Note 11
onpage 11 and “References” on page 15 about
CIE 1931, Planckian locus and standard
illuminants)
±5
%
DFS
Full Scale ADC Code
ADC 16 bits
65535
Counts
Fullscale on Range 0
Green = 565nm
18
µW/cm2
Red = 620nm
20
µW/cm2
Blue = 485nm
30
µW/cm2
NOTES:
5. 565nm Green, 620nm Red LED, 485nm Blue in white LED is used in production test. It’s irradiance is calibrated to produce the same DATA count
against an illuminance level of 130 lux fluorescent light.
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
7. SDA and INT current sinking capability are guaranteed by design.


Numéro de pièce similaire - ISL29125IROZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL29125IROZ-T7 RENESAS-ISL29125IROZ-T7 Datasheet
786Kb / 17P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
ISL29125IROZ-T7A RENESAS-ISL29125IROZ-T7A Datasheet
786Kb / 17P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
More results

Description similaire - ISL29125IROZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL29124 INTERSIL-ISL29124 Datasheet
100Kb / 2P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
February 19, 2014
logo
Renesas Technology Corp
ISL29124 RENESAS-ISL29124 Datasheet
770Kb / 16P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
January 13, 2015
ISL29125 RENESAS-ISL29125 Datasheet
786Kb / 17P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
logo
Intersil Corporation
ISL29125 INTERSIL-ISL29125 Datasheet
99Kb / 2P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
logo
Renesas Technology Corp
ISL29120 RENESAS-ISL29120 Datasheet
462Kb / 8P
   Digital Output, Low Power, Red, Green, and Blue Color Light Sensor
logo
Intersil Corporation
ISL29120 INTERSIL-ISL29120 Datasheet
343Kb / 8P
   Digital Output, Low Power, Red, Green, and Blue Color Light Sensor
logo
ams AG
TCS3472 AMSCO-TCS3472 Datasheet
1Mb / 27P
   COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
List of Unclassifed Man...
TCS34727FN ETC2-TCS34727FN Datasheet
1Mb / 27P
   COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
Broadcom Corporation.
APDS-9250 BOARDCOM-APDS-9250 Datasheet
522Kb / 21P
   Digital RGB, IR and Ambient Light Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9250 AVAGO-APDS-9250 Datasheet
522Kb / 21P
   Digital RGB, IR and Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com