Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL29102IROZ-T7 Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL29102IROZ-T7
Description  Low Power Ambient Light-to-Voltage Non-Linear Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29102IROZ-T7 Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL29102IROZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN6483.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2008, 2010. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL29102
Low Power Ambient Light-to-Voltage
Non-Linear Converter
The ISL29102 is a low cost light-to-voltage silicon optical
sensor combining a photodiode array, a non-linear current
amplifier and a micro-power op amp on a single monolithic
IC. Similar to human eyes, the photodiode array has peak
sensitivity at 550nm and spans from 400nm to 600nm,
rejecting UV light and IR light. The input luminance range is
from 0.3 lux to 10,000 lux.
The integrated non-linear current amplifier boosts and
converts the photodiode signal in a square root fashion,
extending the light input dynamic range while maintaining
excellent sensitivity at dim conditions with low lux levels. The
device consumes minimal power over a wide range of
ambient lux levels because the current consumption ramps
at a square root fashion. A dark current compensation circuit
minimizes the effect of temperature dependent leakage
currents in the absence of light, improving the light sensitivity
at low lux levels while maintaining excellent sensitivity at low
lux levels. The built-in 1µA op amp gives the ISL29102 an
output voltage driving advantage for heavier loads.
The ISL29102 is housed in an ultra compact 2mmx2.1mm
ODFN plastic case surface mount package. Operation is
rated from -40°C to +85°C.
Features
• Square Root Voltage Output
• 0.3 lux to 10,000 lux Range
• 1.8V to 3.3V Supply Range
• Close to Human Eye Spectral Response
• Fast Response Time
• Internal Temperature Compensation
• Good IR Rejection
• Low Supply Current
• Operating Temperature Range -40°C to +85°C
• 6 Ld ODFN: 2mmx2.1mmx0.7mm
• Pb-Free (RoHS Compliant)
Applications
• Display and keypad dimming for:
- Mobile devices: smart phone, PDA, GPS
- Computing devices: notebook PC, webpod
- Consumer devices: LCD-TV, digital picture frame, digital
camera
• Industrial and medical light sensing
Related Literature
• See AN1422, “Light Sensor Applications”
Simplified Block Diagram
Ordering Information
PART NUMBER
(Notes 2, 3)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL29102IROZ-T7 (Note 1)
6 Ld ODFN
(Tape and Reel)
L6.2x2.1
ISL29102IROZ-EVALZ
Evaluation Board
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets; molding compounds/die attach materials
and NiPdAu plate - e4 termination finish, which is RoHS
compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at Pb-
free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device
information page for ISL29102. For more information on MSL
please see techbrief TB363.
VDD
GND
REXT
VOUT
1
2
4
6
LIGHT DATA
PROCESS
CURRENT
AMPLIFIER
OUTPUT CURRENT
α √LIGHT INTENSITY
PHOTODIODE
ARRAY
+
-
Data Sheet
July 15, 2010


Numéro de pièce similaire - ISL29102IROZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL29102IROZ-T7 INTERSIL-ISL29102IROZ-T7 Datasheet
733Kb / 9P
   Low Power Ambient Light-to-Voltage Non-Linear Converter
logo
Renesas Technology Corp
ISL29102IROZ-T7 RENESAS-ISL29102IROZ-T7 Datasheet
887Kb / 10P
   Low Power Ambient Light-to-Voltage Nonlinear Converter
ISL29102IROZ-T7A RENESAS-ISL29102IROZ-T7A Datasheet
887Kb / 10P
   Low Power Ambient Light-to-Voltage Nonlinear Converter
More results

Description similaire - ISL29102IROZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL29102 INTERSIL-ISL29102 Datasheet
733Kb / 9P
   Low Power Ambient Light-to-Voltage Non-Linear Converter
logo
Renesas Technology Corp
ISL29102 RENESAS-ISL29102 Datasheet
887Kb / 10P
   Low Power Ambient Light-to-Voltage Nonlinear Converter
ISL29009 RENESAS-ISL29009 Datasheet
808Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29009IROZ-T7 INTERSIL-ISL29009IROZ-T7 Datasheet
578Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
July 1, 2008
ISL29009 INTERSIL-ISL29009 Datasheet
679Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
ams AG
TSL2563 AMSCO-TSL2563 Datasheet
1Mb / 43P
   LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL2562 TAOS-TSL2562 Datasheet
431Kb / 38P
   LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
logo
ON Semiconductor
LA0151CS ONSEMI-LA0151CS Datasheet
160Kb / 7P
   Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
logo
Sharp Corporation
GA1A2S100SS SHARP-GA1A2S100SS Datasheet
428Kb / 10P
   OPIC??Linear Output Ambient Light Sensor
logo
ON Semiconductor
LA0152CS ONSEMI-LA0152CS Datasheet
189Kb / 7P
   Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com