Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL29030AIROZ-EVALZ Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL29030AIROZ-EVALZ
Description  Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29030AIROZ-EVALZ Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL29030AIROZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ISL29030A
4
FN7722.2
November 12, 2012
DATAPROX_0
Prox Measurement w/o Object in Path
1
2
Counts
DATAPROX_F
Full Scale Prox ADC Code
255
Counts
DATAPROX_1
Prox Measurement Result
(Note 8)
35
46
57
Counts
tr
Rise Time for IRDR Sink Current
RLOAD = 15Ω at IRDR pin, 20% to 80%
500
ns
tf
Fall time for IRDR Sink Current
RLOAD = 15Ω at IRDR pin, 80% to 20%
500
ns
IIRDR_0
IRDR Sink Current
PROX_DR = 0; VIRDR = 0.5V
98
110
120
mA
IIRDR_1
IRDR Sink Current
PROX_DR = 1; VIRDR = 0.5V
220
mA
IIRDR_LEAK
IRDR Leakage Current
PROX_EN = 0; VDD = 3.63V (Note 9)
-1
0.001
1
µA
VIRDR
Acceptable Voltage Range on IRDR Pin
Register bit PROX_DR = 0
0.5
4.3
V
tPULSE
Net IIRDR On Time Per PROX Reading
100
µs
VREF
Voltage of REXT Pin
0.51
V
FI2C
I2C Clock Rate Range
400
kHz
VI2C
Supply Voltage Range for I2C Interface
1.7
3.63
V
VIL
SCL and SDA Input Low Voltage
0.55
V
VIH
SCL and SDA Input High Voltage
1.25
V
ISDA
SDA Current Sinking Capability
VOL = 0.4V
3
5mA
IINT
INT Current Sinking Capability
VOL = 0.4V
3
5mA
PSRRIRDR
(
ΔIIRDR)/(ΔVIRDR)
PROX_DR = 0; VIRDR = 0.5V to 4.3V
4
mA/V
NOTES:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
7. An LED is used in production test. The LED irradiance is calibrated to produce the same DATA count against a fluorescent light source of the same lux
level.
8. An 850nm infrared LED is used to test PROX/IR sensitivity in an internal test mode.
9. Ability to guarantee IIRDR leakage of ~1nA is limited by test hardware.
10. For ALS applications under light-distorting glass, please see “ALS Range 1 Considerations” on page 10.
Electrical Specifications VDD = 3.0V, TA = +25°C, REXT = 499kΩ 1% tolerance. Boldface limits apply over the operating
temperature range, -40°C to +85°C.
(Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
I2C Electrical Specifications For SCL and SDA unless otherwise noted, VDD = 3V, TA = +25°C, REXT = 499kΩ 1% tolerance
(Note 11). Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
VI2C
Supply Voltage Range for I2C Interface
1.7
3.63
V
fSCL
SCL Clock Frequency
400
kHz
VIL
SCL and SDA Input Low Voltage
0.55
V
VIH
SCL and SDA Input High Voltage
1.25
V
Vhys
Hysteresis of Schmitt Trigger Input
0.05VDD
V
VOL
Low-level Output Voltage (Open-drain) at 4mA Sink
Current
0.4
V
Ii
Input Leakage for each SDA, SCL Pin
-10
10
µA
tSP
Pulse Width of Spikes that must be Suppressed by
the Input Filter
50
ns
tAA
SCL Falling Edge to SDA Output Data Valid
900
ns
Ci
Capacitance for each SDA and SCL Pin
10
pF


Numéro de pièce similaire - ISL29030AIROZ-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL29030AIROZ-EVALZ INTERSIL-ISL29030AIROZ-EVALZ Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29030AIROZ-EVALZ INTERSIL-ISL29030AIROZ-EVALZ Datasheet
601Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
logo
Renesas Technology Corp
ISL29030AIROZ-EVALZ RENESAS-ISL29030AIROZ-EVALZ Datasheet
824Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
More results

Description similaire - ISL29030AIROZ-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL29030 RENESAS-ISL29030 Datasheet
853Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
ISL29030A RENESAS-ISL29030A Datasheet
824Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
logo
Intersil Corporation
ISL29030IROZ-T7 INTERSIL-ISL29030IROZ-T7 Datasheet
538Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digita Out
November 12, 2012
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com