Moteur de recherche de fiches techniques de composants électroniques |
|
ISL29020IROZ-T7 Fiches technique(PDF) 2 Page - Intersil Corporation |
|
ISL29020IROZ-T7 Fiches technique(HTML) 2 Page - Intersil Corporation |
2 / 11 page 2 FN6505.1 August 20, 2009 Absolute Maximum Ratings (TA = +25°C) Thermal Information VDD Supply Voltage between VDD and GND . . . . . . . . . . . . . 3.6V I2C Bus Pin Voltage (SCL, SDA) . . . . . . . . . . . . . . . . . -0.2V to 3.6V I2C Bus Pin Current (SCL, SDA) . . . . . . . . . . . . . . . . . . . . . . <10mA REXT, A0 Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . -0.2V to VDD ESD Rating Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2kV Thermal Resistance θJA (°C/W) 6 Ld ODFN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88 Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . +90°C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +100°C Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA Electrical Specifications VDD = 3V, TA = +25°C, REXT = 500kΩ 1% tolerance, 16-bit ADC operation, unless otherwise specified. PARAMETER DESCRIPTION CONDITION MIN TYP MAX UNIT VDD Power Supply Range 2.25 3.3 V IDD Supply Current 55 65 µA IDD1 Supply Current when Powered Down Software disabled or auto power-down 0.01 0.5 µA VI 2 C Supply Voltage Range for I2C Interface 1.7 3.6 V fOSC Internal Oscillator Frequency 650 725 800 kHz tint ADC Integration/Conversion Time 16-bit ADC data 90 ms FI 2 C I2C Clock Rate Range 1 to 400 kHz DATA_0 Count Output When Dark E = 0 lux, Range 1 (1k lux) 1 5 Counts DATA_F Full Scale ADC Code 65535 Counts ΔDATA DATA Count Output Variation Over Three Light Sources: Fluorescent, Incandescent and Sunlight Ambient light sensing ±10 % DATA_1 Light Count Output With LSB of 0.015 lux/count E = 300 lux, Fluorescent light (Note 1), Ambient light sensing, Range 1 (1k lux) 15000 20000 25000 Counts DATA_2 Light Count Output With LSB of 0.06 lux/count E = 300 lux, Fluorescent light (Note 1), Ambient light sensing, Range 2 (4k lux) 5000 Counts DATA_3 Light Count Output With LSB of 0.24 lux/count E = 300 lux, Fluorescent light (Note 1), Ambient light sensing, Range 3 (16k lux) 1250 Counts DATA_4 Light Count Output With LSB of 0.96 lux/count E = 300 lux, Fluorescent light (Note 1), Ambient light sensing, Range 4 (64k lux) 312 Counts DATA_IR1 Infrared Count Output E = 210 lux, Sunlight (Note 2), IR sensing, Range 1 15000 20000 25000 DATA_IR2 Infrared Count Output E = 210 lux, Sunlight (Note 2), IR sensing, Range 2 5000 DATA_IR3 Infrared Count Output E = 210 lux, Sunlight (Note 2), IR sensing, Range 3 1250 DATA_IR4 Infrared Count Output E = 210 lux, Sunlight (Note 2), IR sensing, Range 4 312 VREF Voltage of REXT Pin 0.52 V VIL SCL and SDA Input Low Voltage 0.55 V VIH SCL and SDA Input High Voltage 1.25 V ISDA SDA Current Sinking Capability 4 5 mA NOTES: 1. 550nm green LED is used in production test. The 550nm LED irradiance is calibrated to produce the same DATA count against an illuminance level of 300 lux fluorscent light. 2. 850nm green LED is used in production test. The 850nm LED irradiance is calibrated to produce the same DATA_IR count against an illuminance level of 210 lux sunlight at sea level. ISL29020 |
Numéro de pièce similaire - ISL29020IROZ-T7 |
|
Description similaire - ISL29020IROZ-T7 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |