Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA2080D1 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPA2080D1
Description  2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA2080D1 Fiches technique(HTML) 3 Page - Texas Instruments

  TPA2080D1_15 Datasheet HTML 1Page - Texas Instruments TPA2080D1_15 Datasheet HTML 2Page - Texas Instruments TPA2080D1_15 Datasheet HTML 3Page - Texas Instruments TPA2080D1_15 Datasheet HTML 4Page - Texas Instruments TPA2080D1_15 Datasheet HTML 5Page - Texas Instruments TPA2080D1_15 Datasheet HTML 6Page - Texas Instruments TPA2080D1_15 Datasheet HTML 7Page - Texas Instruments TPA2080D1_15 Datasheet HTML 8Page - Texas Instruments TPA2080D1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TPA2080D1
www.ti.com
SLOS733A – JANUARY 2012 – REVISED OCTOBER 2012
PIN FUNCTIONS
PIN
INPUT/ OUTPUT/
DESCRIPTION
POWER
NAME
WCSP
(I/O/P)
PVDD
A1
O
Boost converter output and Class-D power stage supply voltage.
SW
A2
I
Boost converter switch input; connect boost inductor between VBAT and SW.
BGND
A3
P
Boost converter power ground.
OUT+
B1
O
Positive audio output.
N/C
B2
No Connection
VBAT
B3
P
Supply voltage.
OUT–
C1
O
Negative audio output.
EN
C2
I
Device enable; set to logic high to enable.
IN+
C3
I
Positive audio input.
PGND
D1
P
Class-D power ground.
AGND
D2
P
Analog ground.
IN–
D3
I
Negative audio input.
ORDERING INFORMATION
TA
PACKAGED DEVICES(1)
PART NUMBER(2)
SYMBOL
12-ball, 1.53 mm × 1.982 mm WSCP (DSBGA)
TPA2080D1YZGR
TPA2080D1
–40°C to 85°C
12-ball, 1.53 mm × 1.982 mm WSCP (DSBGA)
TPA2080D1YZGT
TPA2080D1
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
The YZG package is only available taped and reeled. The suffix “R” indicates a reel of 3000, the suffix “T” indicates a reel of 250.
ABSOLUTE MAXIMUM RATINGS
Over operating free–air temperature range, TA= 25°C (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
VBAT
–0.3
6
V
Input Voltage, VI
IN+, IN–
–0.3
VBAT + 0.3
V
Output continuous total power dissipation
See the Thermal Information Table
Operating free-air temperature range, TA
–40
85
°C
Operating junction temperature range, TJ
–40
150
°C
Storage temperature range, TSTG
–65
150
°C
Minimum load resistance
3.2
HBM
2000
V
ESD Protection
CDM
500
V
MM
100
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPA2080D1


Numéro de pièce similaire - TPA2080D1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_16 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
More results

Description similaire - TPA2080D1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2013D1 TI-TPA2013D1 Datasheet
874Kb / 28P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1 TI-TPA2014D1 Datasheet
658Kb / 22P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1_0806 TI-TPA2014D1_0806 Datasheet
1Mb / 27P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_1 Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
TPA2013D1 TI1-TPA2013D1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com