Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA2013D1 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPA2013D1
Description  2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA2013D1 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPA2013D1_15 Datasheet HTML 2Page - Texas Instruments TPA2013D1_15 Datasheet HTML 3Page - Texas Instruments TPA2013D1_15 Datasheet HTML 4Page - Texas Instruments TPA2013D1_15 Datasheet HTML 5Page - Texas Instruments TPA2013D1_15 Datasheet HTML 6Page - Texas Instruments TPA2013D1_15 Datasheet HTML 7Page - Texas Instruments TPA2013D1_15 Datasheet HTML 8Page - Texas Instruments TPA2013D1_15 Datasheet HTML 9Page - Texas Instruments TPA2013D1_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
www.ti.com
BOOST CONVERTER DC CHARACTERISTICS
CLASS D AMPLIFIER DC CHARACTERISTICS
AC CHARACTERISTICS
TPA2013D1
SLOS520 – AUGUST 2007
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Output voltage range
3.0
5.5
V
VFB
Feedback voltage
490
500
510
mV
IOL
Output current limit, Boost_max
1300
1500
1700
mA
RON_PB
PMOS switch resistance
220
m
RON_NB
NMOS resistance
170
m
No Load, 1.8 V < VDD < 5.2
Line regulation
3
mV/V
V, VCC = 5.5 V
VDD = 3.6 V, 0 < IL < 500 mA,
Load regulation
30
mV/A
VCC = 5.5 V
IL
Start up current limit, Boost
0.4
×I
Boost
mA
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vin = ±100 mV, VDD = 1.8 V, VCC = 3 V, RL = 8 Ω
0.5
2.2
CMR
Input common mode range
Vin = ±100 mV, VDD = 2.5 V, VCC = 3.6 V, RL = 8 Ω
0.5
2.8
V
Vin = ±100 mV, VDD = 3.6 V, VCC = 5.5 V, RL = 8 Ω
0.5
4.7
RL = 8 Ω, Vicm = 0.5 and Vicm = VCC – 0.8, differential
CMRR
Input common mode rejection
–75
dB
inputs shorted
VCC = 3.6 V, Av = 2 V/V, IN+ = IN– = Vref, RL = 8 Ω
1
6
VCC= 3.6 V, Av = 6 V/V, IN+ = IN– = Vref, RL = 8 Ω
1
6
Output offset voltage
VOO
mV
Class-D
VCC= 3.6 V, Av = 10 V/V, IN+ = IN– = Vref, RL = 8 Ω
1
6
VCC = 5.5 V, Av = 2 V/V, IN+ = IN– = Vref, RL = 8 Ω
1
6
Gain = 2 V/V (6 dB)
32
Rin
Input Impedance
Gain = 6 V/V (15.5 dB)
15
k
Gain = 10 V/V (20 dB)
9.5
OUTP High-side FET On-state
0.36
series resistance
RDS(on)
OUTP Low-side FET On-state
0.36
series resistance
IOUTx = –300 mA; VCC = 3.6 V
OUTN High-side FET On-state
0.36
series resistance
RDS(on)
OUTN Low-side FET On-state
0.36
series resistance
Low Gain
GAIN
≤ 0.35 V
1.8
2
2.2
V/V
AV
Mid Gain
GAIN = 0.8 V
5.7
6
6.3
V/V
High Gain
GAIN
≥ 1.35 V
9.5
10
10.5
V/V
TA = 25°C, VDD = 3.6V, RL = 8 Ω, L = 4.7μH (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSTART
Start up time
1.8 V
≤ VDD ≤ 5.5 V, CIN ≤ 1 μF
7.5
ms
THD+N = 1%, VCC = 5.5 V, VDD = 3.6 V,
85%
RL= 8 Ω, Pout = 1.7 W, Cboost= 47μF
η
Efficiency
THD+N = 1%, VCC = 5.5 V, VDD = 4.2 V,
87.5%
RL = 8 Ω, Pout = 1.7 W
Thermal Shutdown
Threshold
150
°C
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPA2013D1


Numéro de pièce similaire - TPA2013D1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1_1 Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI1-TPA2013D1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
More results

Description similaire - TPA2013D1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1 Datasheet
874Kb / 28P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_1 Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1 TI-TPA2014D1 Datasheet
658Kb / 22P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1_0806 TI-TPA2014D1_0806 Datasheet
1Mb / 27P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com