Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL267450AIHZ-T7A Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL267450AIHZ-T7A
Description  10-Bit and 12-Bit, 1MSPS SAR ADCs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267450AIHZ-T7A Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL267450AIHZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL267450AIHZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL267450AIHZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL267450AIHZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL267450AIHZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL267450AIHZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL267450AIHZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL267450AIHZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL267450AIHZ-T7A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ISL267440, ISL267450A
6
FN7708.2
June 28, 2012
VIN+, VIN–
Absolute Input Voltage Range
VCM = VREF
VIN+
VCM±VREF/2
VCM±VREF/2
V
VIN–
VCM±VREF/2
VCM±VREF/2
V
ILEAK
Input DC Leakage Current
-1
1
-1
1
µA
CVIN
Input Capacitance
Track/Hold mode
13/5
13/5
pF
REFERENCE INPUT
VREF
VREF Input Voltage Range
VDD = 3V (1% tolerance for specified
performance)
2.0
2.0
V
VDD = 5V (1% tolerance for specified
performance)
2.5
2.5
V
ILEAK
DC Leakage Current
-1
1
-1
1
µA
CREF
REF Input Capacitance
Track/Hold mode
21/18.5
21/18.5
pF
LOGIC INPUTS
VIH
Input High Voltage
2.4
2.4
V
VIL
Input Low Voltage
0.8
0.8
V
ILEAK
Input Leakage Current
-1
1
-1
1
µA
CIN
Input Capacitance
10
10
pF
LOGIC OUTPUTS
VOH
Output High Voltage
ISOURCE = 200µA
VDD - 0.3
VDD - 0.3
V
VOL
Output Low Voltage
ISINK = 200µA
0.4
0.4
V
IOZ
Floating-State Output Current
-1
1
-1
1
µA
COUT
Floating-State Output Capacitance
10
10
pF
Output Coding
Two’s Complement
CONVERSION RATE
tCONV
Conversion Time
fSCLK = 18MHz
888
888
ns
tACQ
Acquisition Time
200
200
ns
fmax
Throughput Rate
1000
1000 kSPS
POWER REQUIREMENTS
VDD
Positive Supply Voltage Range
2.73.6
2.73.6
V
4.75
5.25
4.75
5.25
V
IDD
Positive Supply Input Current
Static
11
µA
Dynamic
3V
1250
1250
µA
5V
1700
1700
µA
Power Dissipation
Static Mode
VDD = 3V
33
µW
VDD = 5V
55
µW
Dynamic
VDD = 3V, fsmpl =1MSPS
3.75
3.75
mW
VDD = 5V, fsmpl =1MSPS
8.50
8.50
mW
NOTES:
8. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
9. The absolute voltage applied to each analog input must be between GND and VDD to guarantee datasheet performance.
Electrical Specifications VDD = +3.0V to +3.6V, fSCLK = 18MHz, fS = 1MSPS, VREF = 2.0V; VDD = +4.75V to +5.25V, fSCLK =18MHz,
fS =1MSPS, VREF = 2.5V; VCM = VREF, unless otherwise noted. Typical values are at TA = +25°C. Boldface limits apply over the operating temperature
range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
ISL267440
ISL267450A
UNITS
MIN
(Note 8)
TYP
MAX
(Note 8)
MIN
(Note 8)
TYP
MAX
(Note 8)


Numéro de pièce similaire - ISL267450AIHZ-T7A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL267450AIHZ-T7A INTERSIL-ISL267450AIHZ-T7A Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450AIHZ-T7A RENESAS-ISL267450AIHZ-T7A Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
More results

Description similaire - ISL267450AIHZ-T7A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com