Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL267452IHZ-T Fiches technique(PDF) 10 Page - Intersil Corporation

No de pièce ISL267452IHZ-T
Description  12-Bit, 555kSPS SAR ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267452IHZ-T Fiches technique(HTML) 10 Page - Intersil Corporation

Back Button ISL267452IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 9Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 10Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 11Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 12Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 13Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ISL267452
10
FN8255.0
July 26, 2012
Functional Description
The ISL267452 is based on a successive approximation register
(SAR) architecture utilizing capacitive charge redistribution
digital to analog converters (DACs). Figure 19 shows a simplified
representation of the converter. During the acquisition phase
(ACQ) the differential input is stored on the sampling capacitors
(CS). The comparator is in a balanced state since the switch
across its inputs is closed. The signal is fully acquired after tACQ
has elapsed, and the switches then transition to the conversion
phase (CONV) so the stored voltage may be converted to digital
format. The comparator will become unbalanced when the
differential switch opens and the input switches transition
(assuming that the stored voltage is not exactly at mid-scale).
The comparator output reflects whether the stored voltage is
above or below mid-scale, which sets the value of the MSB. The
SAR logic then forces the capacitive DACs to adjust up or down by
one quarter of full-scale by switching in binarily weighted
capacitors. Again, the comparator output reflects whether the
stored voltage is above or below the new value, setting the value
of the next lowest bit. This process repeats until all 12 bits have
been resolved.
An external clock must be applied to the SCLK pin to generate a
conversion result. The allowable frequency range for SCLK is
10kHz to 10MHz (555kSPS). Serial output data is transmitted on
the falling edge of SCLK. The receiving device (FPGA, DSP or
Microcontroller) may latch the data on the rising edge of SCLK to
maximize set-up and hold times.
A stable, low-noise reference voltage must be applied to the
VREF pin to set the full-scale input range and common-mode
voltage. See “Voltage Reference Input” on page 11 for more
details.
ADC Transfer Function
The output coding for the ISL267452 is twos complement. The
first code transition occurs at successive LSB values (i.e., 1 LSB,
2 LSB, and so on). The LSB size of the ISL267452 is
2*VREF/4096. The ideal transfer characteristic of the
ISL267452 is shown in Figure 20.
FIGURE 17. CHANGE IN ENOB vs REFERENCE VOLTAGE FOR
VDD = 5V AND 3V FOR THE ISL267452
FIGURE 18. HISTOGRAM OF 10,000 CONVERSIONS OF A DC INPUT
FOR THE ISL267452 WITH VDD = 5V
Typical Performance Characteristics (Continued)
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VREF (V)
5V
3V
0
10k
20k
30k
40k
50k
60k
70k
2044
2045
2046
2047
2048
2049
2050
CODE
65,516
CODES
10
CODES
10
CODES
FIGURE 19. SAR ADC ARCHITECTURAL BLOCK DIAGRAM
VIN
+
VIN
VREF
ACQ
CONV
ACQ
ACQ
CONV
CONV
SAR
LOGIC
CS
CS
FIGURE 20. IDEAL TRANSFER CHARACTERISTICS
1LSB = 2•VREF/4096
100...000
100...001
100...010
111...111
000...000
000...001
011...110
011...111
ANALOG INPUT
VIN+ – (VIN–)
–VREF
+ ½LSB
+VREF
– 1½LSB
0V
+VREF
– 1LSB


Numéro de pièce similaire - ISL267452IHZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL267452IHZ-T INTERSIL-ISL267452IHZ-T Datasheet
716Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Renesas Technology Corp
ISL267452IHZ-T RENESAS-ISL267452IHZ-T Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Intersil Corporation
ISL267452IHZ-T7A INTERSIL-ISL267452IHZ-T7A Datasheet
716Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Renesas Technology Corp
ISL267452IHZ-T7A RENESAS-ISL267452IHZ-T7A Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
More results

Description similaire - ISL267452IHZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL267452 INTERSIL-ISL267452 Datasheet
716Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Intersil Corporation
ISL2671286IBZ INTERSIL-ISL2671286IBZ Datasheet
638Kb / 15P
   12-Bit, 20kSPS SAR ADC
November 1, 2011
logo
Analog Devices
AD7482 AD-AD7482 Datasheet
1Mb / 16P
   3MSPS, 12-Bit SAR ADC
REV. 0
logo
IC MICROSYSTEMS
ICM7912 ICMIC-ICM7912 Datasheet
115Kb / 5P
   12-BIT 125KSPS SAR ADC
logo
Intersil Corporation
ISL2671286 INTERSIL-ISL2671286 Datasheet
641Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Renesas Technology Corp
ISL2671286 RENESAS-ISL2671286 Datasheet
820Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Analog Devices
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
AD7482 AD-AD7482_15 Datasheet
748Kb / 21P
   3 MSPS, 12-Bit SAR ADC
Rev. B
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
   3 MSPS, 12-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com