Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL32603EFBZ Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL32603EFBZ
Description  1.8V to 3.3V, Micro-Power, ±15kV ESD, 125°C, Slew Rate Limited, RS-485/RS-422 Transceivers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32603EFBZ Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL32603EFBZ Datasheet HTML 1Page - Intersil Corporation ISL32603EFBZ Datasheet HTML 2Page - Intersil Corporation ISL32603EFBZ Datasheet HTML 3Page - Intersil Corporation ISL32603EFBZ Datasheet HTML 4Page - Intersil Corporation ISL32603EFBZ Datasheet HTML 5Page - Intersil Corporation ISL32603EFBZ Datasheet HTML 6Page - Intersil Corporation ISL32603EFBZ Datasheet HTML 7Page - Intersil Corporation ISL32603EFBZ Datasheet HTML 8Page - Intersil Corporation ISL32603EFBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ISL32600E, ISL32601E, ISL32602E, ISL32603E
3
FN7967.0
June 22, 2012
Truth Tables
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
Z
Y
X
1101
X
1010
0
0
X
High-Z
High-Z
1
0
X
High-Z *
High-Z *
NOTE: *Shutdown Mode (See Note 11).
Truth Tables (continued)
RECEIVING
INPUTS
OUTPUT
RE
DE
Half Duplex
DE
Full Duplex
A-B
RO
00
X
≥ 0.2V
1
00
X
≤ -0.2V
0
00
X
Inputs Open
1
10
0
X
High-Z *
11
1
X
High-Z
NOTE: *Shutdown Mode (See Note 11).
Pin Descriptions
PIN
8 LD
PACKAGE
10 LD
PACKAGE
14 LD
PACKAGE
FUNCTION
RO
1
1
2
Receiver output: If A-B
≥ 200mV, RO is high; If A-B ≤ -200mV, RO is low; RO = High if A and B are unconnected
(floating).
RE
2
2
3
Receiver output enable. RO is enabled when RE is low; RO is high impedance when RE is high. If the Rx enable
function isn’t required, connect RE directly to GND.
DE
3
3
4
Driver output enable. The driver outputs, Y and Z, are enabled by bringing DE high, and are high impedance
when DE is low. If the Tx enable function isn’t required, connect DE to VCC.
DI
4
4
5
Driver input. A low on DI forces output Y low and output Z high. Similarly, a high on DI forces output Y high
and output Z low.
GND
5
5
6, 7
Ground connection.
A/Y
6
-
-
±15kV IEC61000 ESD Protected RS-485/422 level, noninverting receiver input and noninverting driver
output. Pin is an input if DE = 0; pin is an output if DE = 1.
B/Z
7
-
-
±15kV IEC61000 ESD Protected RS-485/422 level, Inverting receiver input and inverting driver output. Pin is
an input if DE = 0; pin is an output if DE = 1.
A
-
9
12
±15kV IEC61000 ESD Protected RS-485/422 level, noninverting receiver input.
B
-
8
11
±15kV IEC61000 ESD Protected RS-485/422 level, inverting receiver input.
Y
-
6
9
±15kV IEC61000 ESD Protected RS-485/422 level, noninverting driver output.
Z
-
7
10
±15kV IEC61000 ESD Protected RS-485/422 level, inverting driver output.
VCC
8
10
14
System power supply input (2.7V to 3.6V for ISL32600E and ISL32601E; 1.8V to 3.6V for ISL32602E and
ISL32603E).
NC
-
-
1, 8, 13
No Internal Connection.


Numéro de pièce similaire - ISL32603EFBZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL32603EFBZ INTERSIL-ISL32603EFBZ Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125째C, Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32603EFBZ RENESAS-ISL32603EFBZ Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125 째C, Slew Rate Limited RS-485/RS-422 Transceivers
More results

Description similaire - ISL32603EFBZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL32600E RENESAS-ISL32600E Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125 째C, Slew Rate Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL32601EFBZ INTERSIL-ISL32601EFBZ Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125째C, Slew Rate Limited, RS-485/RS-422 Transceivers
ISL32600E INTERSIL-ISL32600E Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125째C, Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX489ECSD-T MAXIM-MAX489ECSD-T Datasheet
686Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
   3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com