Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL26710IRTZ-T7A Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL26710IRTZ-T7A
Description  12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL26710IRTZ-T7A Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL26710IRTZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL26710IRTZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL26710IRTZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL26710IRTZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL26710IRTZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL26710IRTZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL26710IRTZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL26710IRTZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL26710IRTZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ISL26712, ISL26710, ISL26708
3
FN7999.3
September 5, 2012
Ordering Information
PART NUMBER
(Note 4)
PART
MARKING
VDD RANGE
(V)
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL26712IRTZ (Note 3)
6712
2.7 to 5.25
-40 to +85
8 Ld TDFN
L8.3x3I
ISL26712IRTZ-T (Notes 1, 3)
6712
2.7 to 5.25
-40 to +85
8 Ld TDFN
L8.3x3I
ISL26712IRTZ-T7A (Notes 1, 3)
6712
2.7 to 5.25
-40 to +85
8 Ld TDFN
L8.3x3I
ISL26710IRTZ (Note 3)
6710
2.7 to 5.25
-40 to +85
8 Ld TDFN
L8.3x3I
ISL26710IRTZ-T (Notes 1, 3)
6710
2.7 to 5.25
-40 to +85
8 Ld TDFN
L8.3x3I
ISL26710IRTZ-T7A (Notes 1, 3)
6710
2.7 to 5.25
-40 to +85
8 Ld TDFN
L8.3x3I
ISL26708IRTZ (Note 3)
6708
2.7 to 5.25
-40 to +85
8 Ld TDFN
L8.3x3I
ISL26708IRTZ-T (Notes 1, 3)
6708
2.7 to 5.25
-40 to +85
8 Ld TDFN
L8.3x3I
ISL26712IHZ-T (Notes 1, 2)
6712 (Note 5)
2.7 to 5.25
-40 to +85
8 Ld SOT-23
P8.064
ISL26712IHZ-T7A (Notes 1, 2)
6712 (Note 5)
2.7 to 5.25
-40 to +85
8 Ld SOT-23
P8.064
ISL26710IHZ-T (Notes 1, 2)
6710 (Note 5)
2.7 to 5.25
-40 to +85
8 Ld SOT-23
P8.064
ISL26710IHZ-T7A (Notes 1, 2)
6710 (Note 5)
2.7 to 5.25
-40 to +85
8 Ld SOT-23
P8.064
ISL26708IHZ-T (Notes 1, 2)
6708 (Note 5)
2.7 to 5.25
-40 to +85
8 Ld SOT-23
P8.064
ISL26708IHZ-T7A (Notes 1, 2)
6708 (Note 5)
2.7 to 5.25
-40 to +85
8 Ld SOT-23
P8.064
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate -
e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-
free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), please see device information page fo ISL26712, ISL26710, ISL26708. For more information on MSL please see
techbrief TB363.
5. The part marking is located on the bottom of the part.


Numéro de pièce similaire - ISL26710IRTZ-T7A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL26710IRTZ-T7A INTERSIL-ISL26710IRTZ-T7A Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26710IRTZ-T7A RENESAS-ISL26710IRTZ-T7A Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
More results

Description similaire - ISL26710IRTZ-T7A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
Linear Technology
LTC2374 LINER-LTC2374 Datasheet
1Mb / 12P
   16-Bit/18-Bit, 1.6Msps/1Msps/500ksps 8-Channel, SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com