Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUK7535-55A Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce BUK7535-55A
Description  N-channel TrenchMOS standard level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7535-55A Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button BUK7535-55A_15 Datasheet HTML 6Page - NXP Semiconductors BUK7535-55A_15 Datasheet HTML 7Page - NXP Semiconductors BUK7535-55A_15 Datasheet HTML 8Page - NXP Semiconductors BUK7535-55A_15 Datasheet HTML 9Page - NXP Semiconductors BUK7535-55A_15 Datasheet HTML 10Page - NXP Semiconductors BUK7535-55A_15 Datasheet HTML 11Page - NXP Semiconductors BUK7535-55A_15 Datasheet HTML 12Page - NXP Semiconductors BUK7535-55A_15 Datasheet HTML 13Page - NXP Semiconductors BUK7535-55A_15 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
BUK7535-55A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 02 — 27 January 2011
10 of 14
NXP Semiconductors
BUK7535-55A
N-channel TrenchMOS standard level FET
7.
Package outline
Fig 15. Package outline SOT78A (TO-220AB)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT78A
SC-46
3-lead TO-220AB
D
D1
q
p
L
12
3
L1
(1)
b1
e
e
b
0
5
10 mm
scale
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220AB
SOT78A
DIMENSIONS (mm are the original dimensions)
A
E
A1
c
Note
1. Terminals in this zone are not tinned.
Q
L2
UNIT
A1
b1
D1
e
p
mm
2.54
qQ
A
b
D
c
L2
max.
3.0
3.8
3.6
15.0
13.5
3.30
2.79
3.0
2.7
2.6
2.2
0.7
0.4
15.8
15.2
0.9
0.6
1.3
1.0
4.5
4.1
1.39
1.27
6.4
5.9
10.3
9.7
L1
(1)
E
L
03-01-22
05-03-14
mounting
base


Numéro de pièce similaire - BUK7535-55A_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK7535-55A PHILIPS-BUK7535-55A Datasheet
313Kb / 15P
   TrenchMOS standard level FET
Rev. 01-10 November 2000
logo
Inchange Semiconductor ...
BUK7535-55A ISC-BUK7535-55A Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7535-55A NEXPERIA-BUK7535-55A Datasheet
332Kb / 15P
   N-channel TrenchMOS standard level FET
Rev. 02 - 27 January 2011
More results

Description similaire - BUK7535-55A_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com