Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUK7610-55AL Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce BUK7610-55AL
Description  N-channel TrenchMOS standard level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7610-55AL Fiches technique(HTML) 3 Page - NXP Semiconductors

  BUK7610-55AL_15 Datasheet HTML 1Page - NXP Semiconductors BUK7610-55AL_15 Datasheet HTML 2Page - NXP Semiconductors BUK7610-55AL_15 Datasheet HTML 3Page - NXP Semiconductors BUK7610-55AL_15 Datasheet HTML 4Page - NXP Semiconductors BUK7610-55AL_15 Datasheet HTML 5Page - NXP Semiconductors BUK7610-55AL_15 Datasheet HTML 6Page - NXP Semiconductors BUK7610-55AL_15 Datasheet HTML 7Page - NXP Semiconductors BUK7610-55AL_15 Datasheet HTML 8Page - NXP Semiconductors BUK7610-55AL_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BUK7610-55AL_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 January 2008
3 of 13
NXP Semiconductors
BUK7610-55AL
N-channel TrenchMOS standard level FET
[1]
Current is limited by power dissipation chip rating.
[2]
Refer to document 9397 750 12572 for further information.
[3]
Continuous current is limited by package.
[4]
Single shot avalanche rating limited by maximum junction temperature of 175
°C.
[5]
Repetitive avalanche rating limited by average junction temperature of 170
°C.
[6]
Refer to application note AN10273 for further information.
Fig 1.
Continuous drain current as a function of
mounting base temperature
Fig 2.
Normalized total power dissipation as a
function of mounting base temperature
Fig 3.
Single-shot and repetitive avalanche rating; avalanche current as a function of avalanche period
003aaa726
0
50
100
150
0
50
100
150
200
Tmb (
°C)
ID
(A)
(1)
03aa16
0
40
80
120
0
50
100
150
200
Tmb (
°C)
Pder
(%)
V
GS
10 V
(1) Capped at 75 A due to package.
P
der =
P
tot
P
tot(25°C)
× 100 %
003aaa739
10
-1
1
10
10
2
10
-2
10
-1
1
10
tAV (ms)
IAV
(A)
Tj = 25 ˚C
150 ˚C
(3)
(2)
(1)
(1) Single shot.
(2) Single shot.
(3) Repetitive.


Numéro de pièce similaire - BUK7610-55AL_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK7610-55AL PHILIPS-BUK7610-55AL_08 Datasheet
195Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-9 January 2008
More results

Description similaire - BUK7610-55AL_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com