Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC0621A Fiches technique(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TC0621A
Description  SAW Resonator 245.76MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0621A Fiches technique(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0621A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0621A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0621A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0621A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0621A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0621A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TC0621A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
E.OUTLINE DRAWING:
Data code:See the table
Year code:See the table
Year
Year
Year
Year
2011
2011
2011
2011
2013
2013
2013
2013
2012
2012
2012
2012
2014
2014
2014
2014
Year code
Year code
Year code
Year code
C
C
C
C
cccc
#E:
:Input or Output
#B:
:Output or Input
#A、
、C、
、D、
、F:
:Ground
∆:
:Year Code
□:
:Data Code(Follow the table provided by planer each year )
WK01
WK02
WK03
WK04
WK05
WK06
WK07
WK08
WK09
WK10
WK11
WK12
WK13
A
B
C
D
E
F
G
H
I
J
K
L
M
WK14
WK15
WK16
WK17
WK18
WK19
WK20
WK21
WK22
WK23
WK24
WK25
WK26
N
O
P
Q
R
S
T
U
V
W
X
Y
Z
WK27
WK28
WK29
WK30
WK31
WK32
WK33
WK34
WK35
WK36
WK37
WK38
WK39
a
b
c
d
e
f
g
h
i
j
k
l
m
WK40
WK41
WK42
WK43
WK44
WK45
WK46
WK47
WK48
WK49
WK50
WK51
WK52
n
o
p
q
r
s
t
u
v
w
x
y
z


Numéro de pièce similaire - TC0621A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0627A TAI-SAW-TC0627A Datasheet
415Kb / 7P
   SAW Resonator 800 MHz
TC0629A TAI-SAW-TC0629A Datasheet
160Kb / 6P
   1000.634MHz SMD 3.8 x 3.8 mm SAW Resonator
More results

Description similaire - TC0621A

FabricantNo de pièceFiches techniqueDescription
logo
SIPAT Co,Ltd
LBN24603 SIPAT-LBN24603 Datasheet
293Kb / 3P
   245.76MHz SAW Filter 80MHz Bandwidth
logo
Shoulder Electronics Li...
HDRM_TO39 SHOULDER-HDRM_TO39 Datasheet
146Kb / 5P
   SAW RESONATOR
HDRM_SMD-20 SHOULDER-HDRM_SMD-20 Datasheet
152Kb / 6P
   SAW RESONATOR
logo
Integrated Technology F...
R40731 ITF-R40731 Datasheet
255Kb / 6P
   SAW Resonator
R44761 ITF-R44761 Datasheet
252Kb / 6P
   SAW Resonator
R39001 ITF-R39001 Datasheet
228Kb / 6P
   SAW Resonator
logo
EPCOS
R960 EPCOS-R960 Datasheet
30Kb / 5P
   SAW resonator
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
   SAW Resonator
R31451 ITF-R31451 Datasheet
255Kb / 6P
   SAW Resonator
R31801 ITF-R31801 Datasheet
256Kb / 6P
   SAW Resonator
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com