Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUK663R5-55C Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce BUK663R5-55C
Description  N-channel TrenchMOS intermediate level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK663R5-55C Fiches technique(HTML) 2 Page - NXP Semiconductors

  BUK663R5-55C_15 Datasheet HTML 1Page - NXP Semiconductors BUK663R5-55C_15 Datasheet HTML 2Page - NXP Semiconductors BUK663R5-55C_15 Datasheet HTML 3Page - NXP Semiconductors BUK663R5-55C_15 Datasheet HTML 4Page - NXP Semiconductors BUK663R5-55C_15 Datasheet HTML 5Page - NXP Semiconductors BUK663R5-55C_15 Datasheet HTML 6Page - NXP Semiconductors BUK663R5-55C_15 Datasheet HTML 7Page - NXP Semiconductors BUK663R5-55C_15 Datasheet HTML 8Page - NXP Semiconductors BUK663R5-55C_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BUK663R5-55C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 23 December 2010
2 of 14
NXP Semiconductors
BUK663R5-55C
N-channel TrenchMOS intermediate level FET
[1]
Continuous current is limited by package.
2.
Pinning information
3.
Ordering information
Avalanche ruggedness
EDS(AL)S
non-repetitive
drain-source
avalanche energy
ID =120 A; Vsup ≤ 55 V;
RGS =50 Ω; VGS =10V;
Tj(init) = 25 °C; unclamped;
see Figure 3
--455
mJ
Dynamic characteristics
QGD
gate-drain charge
ID =25A; VDS =40 V;
VGS = 10 V; see Figure 15;
see Figure 14
-56
-
nC
Table 1.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
G
gate
SOT404 (D2PAK)
2
D
drain
3S
source
mb
D
mounting base; connected to
drain
mb
13
2
S
D
G
mbb076
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BUK663R5-55C
D2PAK
plastic single-ended surface-mounted package (D2PAK); 3 leads
(one lead cropped)
SOT404


Numéro de pièce similaire - BUK663R5-55C_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK663R5-55C NXP-BUK663R5-55C Datasheet
138Kb / 11P
   N-channel TrenchMOS FET
Rev. 01-3 August 2010
logo
Nexperia B.V. All right...
BUK663R5-55C NEXPERIA-BUK663R5-55C Datasheet
780Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2 - 23 December 2010
More results

Description similaire - BUK663R5-55C_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK6218-40C NXP-BUK6218-40C Datasheet
391Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 1-4 October 2010
BUK662R5-30C PHILIPS-BUK662R5-30C_15 Datasheet
380Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-14 October 2010
BUK6E3R4-40C PHILIPS-BUK6E3R4-40C_15 Datasheet
376Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-14 October 2010
BUK6217-55C PHILIPS-BUK6217-55C_15 Datasheet
195Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-9 July 2012
BUK664R4-55C PHILIPS-BUK664R4-55C_15 Datasheet
225Kb / 16P
   N-channel TrenchMOS intermediate level FET
Rev. 03-21 December 2010
logo
Nexperia B.V. All right...
BUK652R7-30C NEXPERIA-BUK652R7-30C Datasheet
495Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK652R1-30C NEXPERIA-BUK652R1-30C Datasheet
512Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK661R8-30C NEXPERIA-BUK661R8-30C Datasheet
756Kb / 14P
   N-channel TrenchMOS intermediate level FET
BUK653R5-55C NEXPERIA-BUK653R5-55C Datasheet
490Kb / 15P
   N-channel TrenchMOS intermediate level FET
Rev. 1 - 27 October 2010
logo
NXP Semiconductors
BUK6213-30A PHILIPS-BUK6213-30A_15 Datasheet
304Kb / 10P
   N-channel TrenchMOS intermediate level FET
Rev. 03-2 February 2011
BUK6210-55C PHILIPS-BUK6210-55C_15 Datasheet
383Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-4 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com