Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUK6607-55C Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce BUK6607-55C
Description  N-channel TrenchMOS logic and standard level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK6607-55C Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button BUK6607-55C_15 Datasheet HTML 3Page - NXP Semiconductors BUK6607-55C_15 Datasheet HTML 4Page - NXP Semiconductors BUK6607-55C_15 Datasheet HTML 5Page - NXP Semiconductors BUK6607-55C_15 Datasheet HTML 6Page - NXP Semiconductors BUK6607-55C_15 Datasheet HTML 7Page - NXP Semiconductors BUK6607-55C_15 Datasheet HTML 8Page - NXP Semiconductors BUK6607-55C_15 Datasheet HTML 9Page - NXP Semiconductors BUK6607-55C_15 Datasheet HTML 10Page - NXP Semiconductors BUK6607-55C_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BUK6607-55C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 14 October 2010
7 of 14
NXP Semiconductors
BUK6607-55C
N-channel TrenchMOS logic and standard level FET
Source-drain diode
VSD
source-drain voltage
IS =25A; VGS =0V; Tj =25°C;
see Figure 16
-0.8
1.2
V
trr
reverse recovery time
IS =20A; dIS/dt = -100 A/µs; VGS =0V;
VDS =25V
-48
-
ns
Qr
recovered charge
-
86
-
nC
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tj = 25°C; VDS = 25 V
Tj = 25°C; tp = 300 μs
Fig 5.
Forward transconductance as a function of
drain current; typical values
Fig 6.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 7.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
Fig 8.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
003aae891
0
60
90
120
0
2040
6080
ID (A)
gfs
(S)
30
003aae892
0
20
40
60
80
100
0
0.5
1
1.5
2
VDS (V)
ID
(A)
3.2
VGS (V) = 10
3.4
3.6
3.8
4
4.5
5
003aaf007
0
5
10
15
20
0
5
10
15
20
V
GS(V)
R
DSon
(m
Ω)
003aae928
0
20
40
60
80
0246
V
GS(V)
I
D
(A)
T
j = 25 °C
T
j = 175 °C


Numéro de pièce similaire - BUK6607-55C_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
BUK6607-55C NEXPERIA-BUK6607-55C Datasheet
932Kb / 14P
   N-channel TrenchMOS logic and standard level FET
More results

Description similaire - BUK6607-55C_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
BUK6607-55C NEXPERIA-BUK6607-55C Datasheet
932Kb / 14P
   N-channel TrenchMOS logic and standard level FET
BUK6507-55C NEXPERIA-BUK6507-55C Datasheet
308Kb / 15P
   N-channel TrenchMOS logic and standard level FET
Rev. 01 - 12 October 2010
logo
NXP Semiconductors
BUK6507-55C PHILIPS-BUK6507-55C Datasheet
194Kb / 14P
   N-channel TrenchMOS logic and standard level FET
Rev. 01-12 October 2010
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com