Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISLA118P50IRZ Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISLA118P50IRZ
Description  8-Bit, 500MSPS A/D Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA118P50IRZ Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISLA118P50IRZ Datasheet HTML 3Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 4Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 5Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 6Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 7Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 8Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 9Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 10Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
ISLA118P50
7
FN7565.2
July 25, 2011
Spurious-Free Dynamic Range (Notes 11, 12)
SFDR
fIN = 10MHz
68
dBc
fIN = 105MHz
63.5
68
dBc
fIN = 190MHz
68
dBc
fIN = 364MHz
67
dBc
fIN = 495MHz
67
dBc
fIN = 605MHz
63
dBc
fIN = 995MHz
48
dBc
Intermodulation Distortion
IMD
fIN = 70MHz
80
dBc
fIN = 170MHz
80
dBc
Word Error Rate
WER
10-12
Full Power Bandwidth
FPBW
1.15
GHz
I2E SPECIFICATIONS
Offset mismatch-induced spurious power
No I2E Calibration performed
-70
dBFS
Active Run state enabled
-81
dBFS
I2E Settling Times
I2Epost_t
Calibration settling time for Active Run
state
1000
ms
Minimum Duration of Valid Analog Input
(Note 13)
tTE
Allow one I2E iteration of Offset, Gain
and Phase correction
500
µs
Largest Interleave Spur
fIN = 10MHz to 240MHz, Active Run
State enabled, in Track Mode
-94
dBc
fIN = 10MHz to 240MHz, Active Run
State enabled and previously settled, in
Hold Mode
-82
dBc
fIN = 260MHz to 490MHz, Active Run
State enabled, in Track Mode
-89
dBc
fIN = 260MHz to 490MHz, Active Run
State enabled and previously settled, in
Hold Mode
-79
dBc
Total Interleave Spurious Power
Active Run State enabled, in Track
Mode, fIN is a broadband signal in the
1st Nyquist zone
-90
dBc
Active Run State enabled, in Track
Mode, fIN is a broadband signal in the
2nd Nyquist zone
-85
dBc
Sample Time Mismatch Between Unit A/Ds
Active Run State enabled, in Track Mode
30
fs
Gain Mismatch Between Unit A/Ds
0.01
%
Offset Mismatch Between Unit A/Ds
1mV
NOTES:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
7. Digital Supply Current is dependent upon the capacitive loading of the digital outputs. IOVDD specifications apply for 10pF load on each digital output.
8. See “Nap/Sleep” for more detail.
9. AC Specifications apply after internal calibration of the A/D is invoked at the given sample rate and temperature. Refer to “Power-On Calibration” and
“User Initiated Reset” for more detail.
10. The DLL Range setting must be changed for low speed operation.
11. The offset mismatch-induced spur energy, which occurs at fSAMPLE/2, is not included in any specification unless otherwise noted.
12. This specification only applies when I2E is in Active Run state, and in Track Mode.
13. Limits are specified over the full operating temperature and voltage range and are established by characterization and not production tested.
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V,
TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS, FIN =105MHz, fSAMPLE = 500MSPS, after completion of I2E calibration. (Continued)
PARAMETER
SYMBOL
CONDITIONS
ISLA118P50
(Note 6)
UNITS
MIN
TYP
MAX


Numéro de pièce similaire - ISLA118P50IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
941Kb / 35P
   8-Bit, 500MSPS A/D Converter
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA118P50IRZ RENESAS-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
More results

Description similaire - ISLA118P50IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISLA118P50 INTERSIL-ISLA118P50_11 Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
ISLA118P50 INTERSIL-ISLA118P50 Datasheet
941Kb / 35P
   8-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA118P50 RENESAS-ISLA118P50 Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
ISLA110P50 INTERSIL-ISLA110P50 Datasheet
1,007Kb / 35P
   10-Bit, 500MSPS A/D Converter
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
August 1, 2011
KAD5512P-50 INTERSIL-KAD5512P-50_09 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5510P-50 ETC2-KAD5510P-50 Datasheet
676Kb / 28P
   10-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
ISLA112P50 INTERSIL-ISLA112P50_11 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA112P50 RENESAS-ISLA112P50 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com