Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL59960-Coax-EVZ Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL59960-Coax-EVZ
Description  960MegaQ™: An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59960-Coax-EVZ Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL59960-Coax-EVZ Datasheet HTML 2Page - Intersil Corporation ISL59960-Coax-EVZ Datasheet HTML 3Page - Intersil Corporation ISL59960-Coax-EVZ Datasheet HTML 4Page - Intersil Corporation ISL59960-Coax-EVZ Datasheet HTML 5Page - Intersil Corporation ISL59960-Coax-EVZ Datasheet HTML 6Page - Intersil Corporation ISL59960-Coax-EVZ Datasheet HTML 7Page - Intersil Corporation ISL59960-Coax-EVZ Datasheet HTML 8Page - Intersil Corporation ISL59960-Coax-EVZ Datasheet HTML 9Page - Intersil Corporation ISL59960-Coax-EVZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ISL59960
6
FN8358.0
December 18, 2012
Serial Timing Diagram
OUTPUT CHARACTERISTICS
AGC-ACC
AGC Accuracy
Accuracy of sync tip amplitude
relative to 600mV
±0.5
dB
IOUT
Output Drive Current
40
mA
tEN-EQ
Enable-to-Equalization On Time
500
ns
tDIS-EQ
Disable-to-Equalization Off Time
500
ns
LOGIC CONTROL PINS
VIH
Logic High Level
2.0
V
VIL
Logic Low Level
0.8
V
ILOGIC
Logic Input Current
EQ_DISABLE, FREEZE, SD, SCK,
SEN
±10
µA
INVERT, COLOR
±500
µA
Electrical Specifications VDD = VDD1 = VDD2 = +5V, source video amplitude before any cable loss = 1VP-P, cable type = Cat 5,
cable length = 0 feet,
RL = 150Ω (75Ω series + 75Ω load to ground), TA = +25°C, exposed die plate = 0V, unless otherwise specified. Max Cat 5 cable
length = 4000 feet. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
Serial Timing
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
tCS
Serial Enable Deselect Time
10
ns
tLEAD
Lead Time
10
ns
tSU
SD, SCK Setup Time
10
ns
tH
SD, SEN, SCK Hold Time
10
ns
tWH
SCK High Time
100
ns
tWL
SCK Low Time
100
ns
tRI
SD, SEN, SCK Rise Time
10
ns
tFI
SD, SEN, SCK Fall Time
10
ns
tLAG
Lag Time
10
ns
tV
SCK Rising Edge to SD Data Valid
Read Operation
10
ns
fSCK
SCK Frequency
5MHz
NOTE:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
tLEAD
t SU
tLAG
f SCK
tWH
tWL
tH
tV
tRI
tFI
1
1
3
4
5
6
7
8
9
10
11
1213141516
A6
A5
A4
A3
A2
A1
A0
D6
D5
D4
D3
D2
D1
D0
D7
tLEAD
tSU
tLAG
fSCK
tWH
tWL
tH
t
CS
1
0
34
5
6
7
8
910
11
12
13
14
15
16
A6
A5
A4
A3
A2
A1
A0
D6
D5
D4
D3
D2
D1
D0
D7
READ OPERATION
WRITE OPERATION
SEN
SCK
SD
SEN
SCK
SD
A6:A0 = REGISTER ADDRESS, D7:D0 = DATA TO BE READ/WRITTEN
2
2
CS
t
tRI
tFI


Numéro de pièce similaire - ISL59960-Coax-EVZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59960-Coax-EVZ INTERSIL-ISL59960-Coax-EVZ Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960-Coax-EVZ RENESAS-ISL59960-Coax-EVZ Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
More results

Description similaire - ISL59960-Coax-EVZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59960 INTERSIL-ISL59960 Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960 RENESAS-ISL59960 Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59601IRZ INTERSIL-ISL59601IRZ Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
ISL59601 INTERSIL-ISL59601 Datasheet
4Mb / 27P
   MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Renesas Technology Corp
ISL59601 RENESAS-ISL59601 Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Cypress Semiconductor
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
logo
Pericom Semiconductor C...
PI7VD9008ABH PERICOM-PI7VD9008ABH Datasheet
1Mb / 73P
   Adaptive EQ 8-channel 960H Video Decoder
PI7VD9004ABH PERICOM-PI7VD9004ABH Datasheet
1Mb / 53P
   Adaptive EQ 4-channel 960H Video Decoder
logo
Cypress Semiconductor
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com