Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL59960IRZ Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce ISL59960IRZ
Description  960MegaQ™: An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59960IRZ Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button ISL59960IRZ Datasheet HTML 5Page - Intersil Corporation ISL59960IRZ Datasheet HTML 6Page - Intersil Corporation ISL59960IRZ Datasheet HTML 7Page - Intersil Corporation ISL59960IRZ Datasheet HTML 8Page - Intersil Corporation ISL59960IRZ Datasheet HTML 9Page - Intersil Corporation ISL59960IRZ Datasheet HTML 10Page - Intersil Corporation ISL59960IRZ Datasheet HTML 11Page - Intersil Corporation ISL59960IRZ Datasheet HTML 12Page - Intersil Corporation ISL59960IRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ISL59960
9
FN8358.0
December 18, 2012
Functional Description
960MegaQ™ Overview
960MegaQ™ is a fully automated, stand-alone equalizer for both
960H (WD1) and 720H (D1) composite video resolutions
transmitted over UTP (Unshielded Twisted Pair, i.e., Cat 5, Cat 6,
etc.) or coaxial (RG-59) cables.
Differential video signals sent over long distances of twisted pair
wire exhibit large high frequency attenuation, resulting in loss of
high frequency detail/blurring. The exact loss characteristic is a
complex function of wire gauge, length, composition, and
coupling to adjacent conductors.
The video signal can be restored by applying a filter with the
exact inverse transfer function to the far end signal. 960MegaQ™
is designed to compensate for the losses due to long cables, and
incorporates the functionality and flexibility to match a wide
variety of cable types and loss characteristics.
While 960MegaQ™ was designed and optimized for stand-alone
operation, with no need for any external control of any kind, it has
an optional SPI serial interface with some additional features.
See “Additional Equalization Modes Available With the Serial
Interface” on page 11 for more information on the features and
operation of the serial interface.
Equalization for Various Cable Types
TABLE 1. CABLE TYPES AND LENGTHS
CABLE TYPE
MAXIMUM
LENGTH SUPPORTED
Copper-Core
Cat 5/Cat 5e
4000 feet
Cat 6
4000 feet
Coaxial - RG-59
5000 feet
Non-Copper-Core (Note)
Cat 5/Cat 5e CCA
(Copper-Coated Aluminum Core)
2000 feet
Coaxial - RG-59 CCS
(Copper-Coated Steel Core)
1500 feet
NOTE: Image quality will be significantly improved over unequalized
cable, but there will still be some image smearing due to the high
resistance of the core material.
FIGURE 9. APPLICATION CIRCUIT FOR UTP CABLE
75.0
Ω
SD
SEN
SCK
IN-
GND
GND
IN+
OUT
CFB
VREF
1.0µF
49.9
Ω
0.47µF
DIFFERENTIAL
VIDEO INPUT+
SERIAL
INTERFACE
(OPTIONAL)
DIFFERENTIAL
VIDEO INPUT-
1k
Ω
0.047µF
VDD1
VDD2
0.1µF
Internally
Generated
+5V
300
Ω
INVERT
EQ_DISABLE
COLOR
LOCKED
FREEZE
1.0µF
49.9
Ω
ISL59960
Ferrite Bead –
DC resistance = 1
Ω
,
600
Ω at 100MHz,
100mA DC current rating
Freezes EQ once
lock is achieved.
Tie FREEZE low if
not used.
4.7µF
0.1µF
1500pF
C1
C2
R1
R2
R3
C4 R5
C5
R6
VIDEO
OUT
C6
C7
C8
C9
5V
TVS
5V
TVS
Z1
Z2
TVS = Transient Voltage Suppressor
a.k.a. Transorb


Numéro de pièce similaire - ISL59960IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59960IRZ INTERSIL-ISL59960IRZ Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960IRZ RENESAS-ISL59960IRZ Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59960IRZ-T7 INTERSIL-ISL59960IRZ-T7 Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960IRZ-T7 RENESAS-ISL59960IRZ-T7 Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59960IRZ-T7A INTERSIL-ISL59960IRZ-T7A Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
More results

Description similaire - ISL59960IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59960 INTERSIL-ISL59960 Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960 RENESAS-ISL59960 Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59601IRZ INTERSIL-ISL59601IRZ Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
ISL59601 INTERSIL-ISL59601 Datasheet
4Mb / 27P
   MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Renesas Technology Corp
ISL59601 RENESAS-ISL59601 Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Cypress Semiconductor
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
logo
Pericom Semiconductor C...
PI7VD9008ABH PERICOM-PI7VD9008ABH Datasheet
1Mb / 73P
   Adaptive EQ 8-channel 960H Video Decoder
PI7VD9004ABH PERICOM-PI7VD9004ABH Datasheet
1Mb / 53P
   Adaptive EQ 4-channel 960H Video Decoder
logo
Cypress Semiconductor
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com