Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1628 Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce 2SD1628
Description  HIGH-CURRENT SWITCHING APPLICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1628 Fiches technique(HTML) 2 Page - Unisonic Technologies

  2SD1628_15 Datasheet HTML 1Page - Unisonic Technologies 2SD1628_15 Datasheet HTML 2Page - Unisonic Technologies 2SD1628_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SD1628
Preliminary
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R208-045.a
ABSOLUATE MAXIUM RATINGS (Ta = 25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
6
V
DC
IC
5
A
Collector Current
Pulse
ICP
8
A
Collector Dissipation
PC
0.5
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector-Emitter Saturation Voltage
VCE(SAT) IC =3A, IB =60mA
500
mV
Base-Emitter Saturation Voltage
VBE(SAT) IC =3A, IB =60mA
1.5
V
Collector Cut-Off Current
ICBO
VCB =50V, IE =0
100
nA
Emitter Cut-Off Current
IEBO
VEB =5V, IC =0
100
nA
hFE1
VCE =2V, IC =0.5A
120
560
DC Current Gain
hFE2
VCE =2V, IC =3A
95
Output Capacitance
Cob
VCB =10V, f =1MHz
45
pF
Transition Frequency
fT
VCE =10V, IC =50mA
120
MHz
Turn On Time
tON
30
ns
Storage Time
tS
300
ns
Fall Time
tF
See specified Test circuit
40
ns
CLASSIFICATION OF hFE1
RANK
E
F
G
RANGE
120 ~ 200
160 ~ 320
280 ~ 560


Numéro de pièce similaire - 2SD1628_15

FabricantNo de pièceFiches techniqueDescription
logo
DONGGUAN YOU FENG WEI E...
2SD1628-E YFWDIODE-2SD1628-E Datasheet
639Kb / 4P
   NPN Transistors
2SD1628-F YFWDIODE-2SD1628-F Datasheet
639Kb / 4P
   NPN Transistors
2SD1628-G YFWDIODE-2SD1628-G Datasheet
639Kb / 4P
   NPN Transistors
logo
Unisonic Technologies
2SD1628-X-AB3-R UTC-2SD1628-X-AB3-R Datasheet
136Kb / 3P
   HIGH-CURRENT SWITCHING APPLICATIONS
logo
ON Semiconductor
2SD1628F-TD-E ONSEMI-2SD1628F-TD-E Datasheet
324Kb / 6P
   Bipolar Transistor20V, 5A, Low VCE(sat), NPN Single PCP
September, 2013
More results

Description similaire - 2SD1628_15

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com