Moteur de recherche de fiches techniques de composants électroniques |
|
ISL23318UFUZ Fiches technique(PDF) 3 Page - Intersil Corporation |
|
ISL23318UFUZ Fiches technique(HTML) 3 Page - Intersil Corporation |
3 / 19 page ISL23318 3 FN7887.0 July 26, 2011 Ordering Information PART NUMBER (Note 5) PART MARKING RESISTANCE OPTION (kΩ) TEMP RANGE (°C) PACKAGE (Pb-free) PKG. DWG. # ISL23318TFUZ (Notes 1, 3) 3318T 100 -40 to +125 10 Ld MSOP M10.118 ISL23318UFUZ (Notes 1, 3) 3318U 50 -40 to +125 10 Ld MSOP M10.118 ISL23318WFUZ (Notes 1, 3) 3318W 10 -40 to +125 10 Ld MSOP M10.118 ISL23318TFRUZ-T7A (Notes 2, 4) HH 100 -40 to +125 10 Ld 2.1x1.6 UTQFN L10.2.1x1.6A ISL23318TFRUZ-TK (Notes 2, 4) HH 100 -40 to +125 10 Ld 2.1x1.6 UTQFN L10.2.1x1.6A ISL23318UFRUZ-T7A (Notes 2, 4) HG 50 -40 to +125 10 Ld 2.1x1.6 UTQFN L10.2.1x1.6A ISL23318UFRUZ-TK (Notes 2, 4) HG 50 -40 to +125 10 Ld 2.1x1.6 UTQFN L10.2.1x1.6A ISL23318WFRUZ-T7A (Notes 2, 4) HF 10 -40 to +125 10 Ld 2.1x1.6 UTQFN L10.2.1x1.6A ISL23318WFRUZ-TK (Notes 2, 4) HF 10 -40 to +125 10 Ld 2.1x1.6 UTQFN L10.2.1x1.6A NOTES: 1. Add "-TK" or "-T7A" suffix for Tape and Reel option. Please refer to TB347 for details on reel specifications. 2. Please refer to TB347 for details on reel specifications. 3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 4. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate-e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 5. For Moisture Sensitivity Level (MSL), please see device information page for ISL23318. For more information on MSL please see techbrief TB363. |
Numéro de pièce similaire - ISL23318UFUZ |
|
Description similaire - ISL23318UFUZ |