Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS2985 Fiches technique(PDF) 9 Page - Gennum Corporation

No de pièce GS2985
Description  Uses standard 27MHz crystal
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2985 Fiches technique(HTML) 9 Page - Gennum Corporation

Back Button GS2985 Datasheet HTML 5Page - Gennum Corporation GS2985 Datasheet HTML 6Page - Gennum Corporation GS2985 Datasheet HTML 7Page - Gennum Corporation GS2985 Datasheet HTML 8Page - Gennum Corporation GS2985 Datasheet HTML 9Page - Gennum Corporation GS2985 Datasheet HTML 10Page - Gennum Corporation GS2985 Datasheet HTML 11Page - Gennum Corporation GS2985 Datasheet HTML 12Page - Gennum Corporation GS2985 Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
GS2985 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
36663 - 5
July 2012
9 of 45
Proprietary & Confidential
56
SCK/EQ2_EN
Input/Logic
Input
In host mode (HIF set LOW):
Burst-mode clock input for SPI serial host interface.
In non-host mode (HIF set HIGH):
Trace equalization on/off pin for Serial Digital Differential Input 2.
Active-high input.
57
SDO/EQ1_EN
Input/Logic
Input
In host mode (HIF set LOW):
Serial digital data output for SPI serial host interface. Active-high output.
In non-host mode (HIF set HIGH):
Trace equalization on/off pin for Serial Digital Differential Input 1.
Active-high input.
58
SDI/EQ0_EN
Input/Logic
Input
In host mode (HIF set LOW):
Serial digital data input for SPI serial host interface. Active-high input.
In non-host mode (HIF set HIGH):
Trace equalization on/off pin for Serial Digital Differential Input 0.
Active-high input.
60
VEE_CP
Power
Most negative power supply connection for the internal
charge pump. Connect to GND.
61
VCC_CP
Power
Most positive power supply connection for the internal charge pump.
Connect to 3.3V or 2.5V
62
LF+
Passive
Loop Filter capacitor connection. (CLF = 47nF). Connect as shown in Typical
Application Circuit on page 41.
63
CP_CAP
Power
External capacitor for internal LDO regulator supplying the charge pump
circuit.
Center Pad
Ground pad on bottom of package. Connect to GND.
Table 1-1: GS2985 Pin Descriptions
Pin Number
Name
Type
Description


Numéro de pièce similaire - GS2985

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
GS2985 SEMTECH-GS2985 Datasheet
3Mb / 45P
   Multi-Rate SDI Reclocker with Equalization & De-emphasis
More results

Description similaire - GS2985

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS2965 GENNUM-GS2965 Datasheet
3Mb / 41P
   Uses standard 27MHz crystal
logo
TAI-SAW TECHNOLOGY CO.,...
TZ2114A TAI-SAW-TZ2114A Datasheet
102Kb / 6P
   HC49SMD 27MHz Crystal Unit
REV. NO.: 1.0
TZ2531A TAI-SAW-TZ2531A Datasheet
435Kb / 6P
   HC49SMD 27MHz Crystal Unit
REV. NO.: 1.0
TZ2507A TAI-SAW-TZ2507A Datasheet
318Kb / 5P
   HC49US 27MHz Crystal Unit
REV. NO.: 1.0
TZ1132A TAI-SAW-TZ1132A Datasheet
339Kb / 6P
   SMD 6.0x3.5 27MHz Crystal Unit
REV. NO.: 2.0
TZ1323B TAI-SAW-TZ1323B Datasheet
174Kb / 8P
   Crystal Unit SMD 2.0x1.6 27MHz
REV. NO.: 5.0
TZ1936A TAI-SAW-TZ1936A Datasheet
171Kb / 8P
   Crystal Unit SMD 2.0x1.6 27MHz
REV. NO.: 4.0
TZ2542A TAI-SAW-TZ2542A Datasheet
209Kb / 8P
   Crystal Unit SMD 3.2x2.5 27MHz
REV. NO.: 1
TW0254A TAI-SAW-TW0254A Datasheet
182Kb / 5P
   SMD 7.0x5.0 27MHz Crystal Oscillator
TZ0462A TAI-SAW-TZ0462A Datasheet
433Kb / 8P
   Crystal Unit SMD 3.2x2.5 27MHz
REV. NO.: 8.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com