Moteur de recherche de fiches techniques de composants électroniques |
|
2SC2235G-X-T92-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
2SC2235G-X-T92-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
1 / 4 page UNISONIC TECHNOLOGIES CO., LTD 2SC2235 NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 4 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R211-012.C AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS FEATURES * Complimentary to UTC 2SA965 TO-92 1 TO-92NL 1 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 2SC2235L-x-T92-B 2SC2235G-x-T92-B TO-92 E C B Tape Box 2SC2235L-x-T92-K 2SC2235G-x-T92-K TO-92 E C B Bulk 2SC2235L-x-T92-R 2SC2235G-x-T92-R TO-92 E C B Tape Reel 2SC2235L-x-T9N-B 2SC2235G-x-T9N-B TO-92NL E C B Tape Box 2SC2235L-x-T9N-K 2SC2235G-x-T9N-K TO-92NL E C B Bulk 2SC2235L-x-T9N-R 2SC2235G-x-T9N-R TO-92NL E C B Tape Reel Note: Pin Assignment: B: BASE C: COLLECTOR E: EMITTE |
Numéro de pièce similaire - 2SC2235G-X-T92-R |
|
Description similaire - 2SC2235G-X-T92-R |