Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUK7613-75B Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce BUK7613-75B
Description  N-channel TrenchMOS standard level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7613-75B Fiches technique(HTML) 2 Page - NXP Semiconductors

  BUK7613-75B_15 Datasheet HTML 1Page - NXP Semiconductors BUK7613-75B_15 Datasheet HTML 2Page - NXP Semiconductors BUK7613-75B_15 Datasheet HTML 3Page - NXP Semiconductors BUK7613-75B_15 Datasheet HTML 4Page - NXP Semiconductors BUK7613-75B_15 Datasheet HTML 5Page - NXP Semiconductors BUK7613-75B_15 Datasheet HTML 6Page - NXP Semiconductors BUK7613-75B_15 Datasheet HTML 7Page - NXP Semiconductors BUK7613-75B_15 Datasheet HTML 8Page - NXP Semiconductors BUK7613-75B_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BUK7613-75B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 27 December 2011
2 of 13
NXP Semiconductors
BUK7613-75B
N-channel TrenchMOS standard level FET
2.
Pinning information
[1]
It is not possible to make connection to pin 2.
3.
Ordering information
4.
Limiting values
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
G
gate
SOT404 (D2PAK)
2
D
drain[1]
3S
source
mb
D
mounting base; connected to drain
mb
13
2
S
D
G
mbb076
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BUK7613-75B
D2PAK
plastic single-ended surface-mounted package (D2PAK); 3 leads
(one lead cropped)
SOT404
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
75
V
VDGR
drain-gate voltage
RGS =20kΩ
-75
V
VGS
gate-source voltage
-20
20
V
ID
drain current
Tmb = 100 °C; VGS =10 V; see Figure 1
-54
A
Tmb =25 °C; VGS =10 V; see Figure 1;
see Figure 3
-75
A
IDM
peak drain current
Tmb = 25 °C; pulsed; tp ≤ 10 µs;
see Figure 3
-
304
A
Ptot
total power dissipation
Tmb =25 °C; see Figure 2
-
157
W
Tstg
storage temperature
-55
175
°C
Tj
junction temperature
-55
175
°C
Source-drain diode
IS
source current
Tmb =25 °C
-
75
A
ISM
peak source current
pulsed; tp ≤ 10 µs; Tmb = 25 °C
-
304
A
Avalanche ruggedness
EDS(AL)S
non-repetitive drain-source avalanche
energy
ID =75A; Vsup ≤ 75 V; RGS =50 Ω;
VGS =10 V; Tj(init) = 25 °C; unclamped
-
125
mJ


Numéro de pièce similaire - BUK7613-75B_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK7613-75B NXP-BUK7613-75B Datasheet
298Kb / 15P
   TrenchMOS standard level FET
Rev. 01-14 April 2003
logo
Inchange Semiconductor ...
BUK7613-75B ISC-BUK7613-75B Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7613-75B NEXPERIA-BUK7613-75B Datasheet
746Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 3 - 27 December 2011
More results

Description similaire - BUK7613-75B_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com